Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS278 Datasheet (PDF) - Anachip Corp

ATS278 Datasheet PDF - Anachip Corp
Part # ATS278
Download  ATS278 Download
File Size   210.42 Kbytes
Page   6 Pages
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp
Description Two Phase Hall Effect Latch With FG Output

ATS278 Datasheet (PDF)

Go To PDF Page Download Datasheet
ATS278 Datasheet PDF - Anachip Corp

Part # ATS278
Download  ATS278 Click to download

File Size   210.42 Kbytes
Page   6 Pages
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp
Description Two Phase Hall Effect Latch With FG Output

ATS278 Datasheet (HTML) - Anachip Corp


ATS278 Product details

General Description
ATS278 is an integrated Hall sensor with two output drivers and rotor speed output, typically designed for electronic commutation of two-phase brush-less DC fan applications.

Features
- On-chip Hall plate
- Operating voltage: 3.5V~20V
- Internal bandgap regulator allows temperature compensated operations and a wide operating voltage range
- High output sinking capability up to 400mA for driving large load
- Built-in protection diode only for chip reverse power connecting
- Frequency Generation (FG) output
- Package: SIP-5L

Applications
- Dual-coil Brush-less DC Motor
- Dual-coil Brush-less DC Fan
- Revolution Counting
- Speed Measurement




Similar Part No. - ATS278

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
ATS270A CTS-ATS270A Datasheet
182Kb / 6P
ATS ATS-SM Series
ATS270A CTS-ATS270A Datasheet
182Kb / 6P
Standard HC-49/US thru-hole and HC-49/US-SM surface mount Packages
ATS270A CTS-ATS270A Datasheet
181Kb / 6P
Standard HC-49/US thru-hole and HC-49/US-SM surface mount Packages
ATS270A CTS-ATS270A Datasheet
182Kb / 6P
Standard HC-49/US [thru-hole] and HC-49/US-SM surface mount Packages
ATS270A-E CTS-ATS270A-E Datasheet
182Kb / 6P
ATS ATS-SM Series
More results


Similar Description - ATS278

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APX9145 ANPEC-APX9145 Datasheet
155Kb / 10P
High Sensitivity Hall Effect Sensor IC with FG Output
logo
BCD Semiconductor Manuf...
AH211 BCDSEMI-AH211 Datasheet
191Kb / 11P
TWO PHASE HALL EFFECT LATCH WITH FG OUTPUT
AH287 BCDSEMI-AH287 Datasheet
333Kb / 12P
TWO PHASE HALL EFFECT LATCH WITH LOCKED PROTECTION
logo
Unisonic Technologies
H1277 UTC-H1277 Datasheet
191Kb / 5P
HIGH SENSITIVITY HALL EFFECT SENSOR IC WITH FG OUTPUT
logo
BCD Semiconductor Manuf...
AH287 BCDSEMI-AH287_09 Datasheet
596Kb / 12P
TWO PHASE HALL EFFECT LATCH WITH LOCKED PROTECTION
logo
Unisonic Technologies
H1277 UTC-H1277_11 Datasheet
186Kb / 5P
HIGH SENSITIVITY HALL EFFECT SENSOR IC WITH FG OUTPUT
UH211 UTC-UH211 Datasheet
204Kb / 5P
HIGH SENSITIVITY HALL EFFECT SENSOR IC WITH FG OUTPUT
logo
Diodes Incorporated
AH211 DIODES-AH211 Datasheet
881Kb / 11P
TWO PHASE HALL EFFECT LATCH WITH FG OUTPUT
Rev olution
logo
Allegro MicroSystems
APS12400 ALLEGRO-APS12400 Datasheet
1Mb / 19P
Two-Wire Hall-Effect Latch
APS12800 ALLEGRO-APS12800 Datasheet
1Mb / 18P
Two-Wire Hall-Effect Latch with Advanced Diagnostics
March 24, 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com