Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AH211 Datasheet (PDF) - Diodes Incorporated

AH211 Datasheet PDF - Diodes Incorporated
Part # AH211
Download  AH211 Download
File Size   881.61 Kbytes
Page   11 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description TWO PHASE HALL EFFECT LATCH WITH FG OUTPUT

AH211 Datasheet (PDF)

Go To PDF Page Download Datasheet
AH211 Datasheet PDF - Diodes Incorporated

Part # AH211
Download  AH211 Click to download

File Size   881.61 Kbytes
Page   11 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description TWO PHASE HALL EFFECT LATCH WITH FG OUTPUT

AH211 Datasheet (HTML) - Diodes Incorporated


AH211 Product details

General Description
The AH211 is an integrated Hall sensor with output driver and frequency generator designed for electronic commutation of brush-less DC motor applications. The device includes an on-chip Hall sensor for magnetic sensing, an amplifier that amplifies the Hall voltage, a Schmitt trigger to provide switching hysteresis for noise rejection, a temperature compensation circuit to compensate the temperature drift of Hall sensitivity, two complementary open-collector drivers for sinking large load current. It also includes an internal band-gap regulator which is used to provide bias voltage for internal circuits.

Features
• On-Chip Hall Sensor
• 3.5V to 16V Supply Voltage
• 400mA (avg) Output Sink Current
• -20°C to 85°C Operating Temperature
• Built-in FG Output
• Low Profile TO-94 (SIP-4L) Package
• ESD Rating: 600V (Machine Model)

Applications
• Dual-Coil Brushless DC Motor
• Dual-Coil Brushless DC Fan
• Revolution Counting
• Speed Measurement




Similar Part No. - AH211

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AH211 BCDSEMI-AH211 Datasheet
191Kb / 11P
TWO PHASE HALL EFFECT LATCH WITH FG OUTPUT
AH211Z4-AE1 BCDSEMI-AH211Z4-AE1 Datasheet
191Kb / 11P
TWO PHASE HALL EFFECT LATCH WITH FG OUTPUT
AH211Z4-BE1 BCDSEMI-AH211Z4-BE1 Datasheet
191Kb / 11P
TWO PHASE HALL EFFECT LATCH WITH FG OUTPUT
More results


Similar Description - AH211

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
ATS278 ANACHIP-ATS278 Datasheet
210Kb / 6P
Two Phase Hall Effect Latch With FG Output
Rev. 1.0 Oct 4, 2005
logo
Anpec Electronics Corop...
APX9145 ANPEC-APX9145 Datasheet
155Kb / 10P
High Sensitivity Hall Effect Sensor IC with FG Output
logo
BCD Semiconductor Manuf...
AH211 BCDSEMI-AH211 Datasheet
191Kb / 11P
TWO PHASE HALL EFFECT LATCH WITH FG OUTPUT
AH287 BCDSEMI-AH287 Datasheet
333Kb / 12P
TWO PHASE HALL EFFECT LATCH WITH LOCKED PROTECTION
logo
Unisonic Technologies
H1277 UTC-H1277 Datasheet
191Kb / 5P
HIGH SENSITIVITY HALL EFFECT SENSOR IC WITH FG OUTPUT
logo
BCD Semiconductor Manuf...
AH287 BCDSEMI-AH287_09 Datasheet
596Kb / 12P
TWO PHASE HALL EFFECT LATCH WITH LOCKED PROTECTION
logo
Unisonic Technologies
H1277 UTC-H1277_11 Datasheet
186Kb / 5P
HIGH SENSITIVITY HALL EFFECT SENSOR IC WITH FG OUTPUT
UH211 UTC-UH211 Datasheet
204Kb / 5P
HIGH SENSITIVITY HALL EFFECT SENSOR IC WITH FG OUTPUT
logo
Allegro MicroSystems
APS12400 ALLEGRO-APS12400 Datasheet
1Mb / 19P
Two-Wire Hall-Effect Latch
APS12800 ALLEGRO-APS12800 Datasheet
1Mb / 18P
Two-Wire Hall-Effect Latch with Advanced Diagnostics
March 24, 2020
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com