Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AH287 Datasheet (PDF) - BCD Semiconductor Manufacturing Limited

AH287 Datasheet PDF - BCD Semiconductor Manufacturing Limited
Part # AH287
Download  AH287 Download
File Size   333.84 Kbytes
Page   12 Pages
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited
Description TWO PHASE HALL EFFECT LATCH WITH LOCKED PROTECTION

AH287 Datasheet (PDF)

Go To PDF Page Download Datasheet
AH287 Datasheet PDF - BCD Semiconductor Manufacturing Limited

Part # AH287
Download  AH287 Click to download

File Size   333.84 Kbytes
Page   12 Pages
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited
Description TWO PHASE HALL EFFECT LATCH WITH LOCKED PROTECTION

AH287 Datasheet (HTML) - BCD Semiconductor Manufacturing Limited


AH287 Product details

General Description
The AH287 is an integrated Hall sensor with output drivers for brushless DC motor application. This IC consists of two complementary outputs for motor’s coil driving and has automatic lock protection and auto- restart function relatively. To avoid coil burning, rotor lock shutdown protection circuit shut down the output driver if the rotor blocked and then the automatic recovery circuit will try to restart the motor. This function repeats while rotor is blocked. Until the blocking is removed, the motor recovers running normally. In addition, the auto-restart time is flexible by adjusting the capacitance (CCT).

Features
• On-chip Hall Sensor
• Operating Voltage: 3.5V to 18V
• Maximum Output Current: 350mA (ave)
• Rotor-locked Protection
• Automatic Restart
• Adjustable Auto-restart Time
• Internal Band-gap Regulator for Temperature Compensation
• Operating Temperature: -20˚C to 85˚C
• Low Profile TO-94 Package
• ESD Rating: 300V (Machine Model)

Application
• Dual-coil Brushless DC Fan




Similar Part No. - AH287

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AH287 ANACHIP-AH287 Datasheet
166Kb / 7P
High Voltage Hall-Effect Smart Fan Motor Controller
Rev. 0.1 Jan 17, 2005
logo
Diodes Incorporated
AH287 DIODES-AH287 Datasheet
114Kb / 10P
HIGH VOLTAGE HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH287 Rev. 4
logo
BCD Semiconductor Manuf...
AH287 BCDSEMI-AH287 Datasheet
596Kb / 12P
TWO PHASE HALL EFFECT LATCH WITH LOCKED PROTECTION
logo
Diodes Incorporated
AH287 DIODES-AH287 Datasheet
212Kb / 11P
HIGH VOLTAGE HALL-EFFECT SMART FAN MOTOR
Rev 10
logo
Anachip Corp
AH287-P ANACHIP-AH287-P Datasheet
166Kb / 7P
High Voltage Hall-Effect Smart Fan Motor Controller
Rev. 0.1 Jan 17, 2005
More results


Similar Description - AH287

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
ATS278 ANACHIP-ATS278 Datasheet
210Kb / 6P
Two Phase Hall Effect Latch With FG Output
Rev. 1.0 Oct 4, 2005
logo
BCD Semiconductor Manuf...
AH211 BCDSEMI-AH211 Datasheet
191Kb / 11P
TWO PHASE HALL EFFECT LATCH WITH FG OUTPUT
logo
Anachip Corp
AH375 ANACHIP-AH375_1 Datasheet
183Kb / 6P
Single Phase Hall Effect Latch
logo
BCD Semiconductor Manuf...
AH477 BCDSEMI-AH477 Datasheet
54Kb / 2P
SINGLE PHASE HALL EFFECT LATCH
AH478 BCDSEMI-AH478 Datasheet
255Kb / 11P
SINGLE PHASE HALL EFFECT LATCH WITH LOCKED PROTECTION
AH287 BCDSEMI-AH287_09 Datasheet
596Kb / 12P
TWO PHASE HALL EFFECT LATCH WITH LOCKED PROTECTION
logo
Diodes Incorporated
AH375-WLA DIODES-AH375-WLA Datasheet
183Kb / 9P
SINGLE PHASE HALL EFFECT LATCH
Rev ersal
AH211 DIODES-AH211 Datasheet
881Kb / 11P
TWO PHASE HALL EFFECT LATCH WITH FG OUTPUT
Rev olution
logo
Allegro MicroSystems
APS12400 ALLEGRO-APS12400 Datasheet
1Mb / 19P
Two-Wire Hall-Effect Latch
APS12800 ALLEGRO-APS12800 Datasheet
1Mb / 18P
Two-Wire Hall-Effect Latch with Advanced Diagnostics
March 24, 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com