Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AH478 Datasheet (PDF) - BCD Semiconductor Manufacturing Limited

AH478 Datasheet PDF - BCD Semiconductor Manufacturing Limited
Part # AH478
Download  AH478 Download
File Size   255.23 Kbytes
Page   11 Pages
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited
Description SINGLE PHASE HALL EFFECT LATCH WITH LOCKED PROTECTION

AH478 Datasheet (PDF)

Go To PDF Page Download Datasheet
AH478 Datasheet PDF - BCD Semiconductor Manufacturing Limited

Part # AH478
Download  AH478 Click to download

File Size   255.23 Kbytes
Page   11 Pages
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited
Description SINGLE PHASE HALL EFFECT LATCH WITH LOCKED PROTECTION

AH478 Datasheet (HTML) - BCD Semiconductor Manufacturing Limited


AH478 Product details

General Description
The AH478 is a single coil Hall sensor with output drivers designed for brush-less DC motor application. This IC consists of one H-bridge driver for motors coil driving and has automatic lock shutdown and restart function relatively. To avoid coil burning, rotor lock shutdown detection circuit shut down the output driver if the rotor is blocked and then the automatic recovery circuit will try to restart the motor. This function repeats while rotor is blocked. Until the blocking is removed, the motor recovers running normally.
   
Features
• On-chip Hall Sensor
• Rotor-locked Shutdown
• Automatically Restart
• Operating Voltage: 3.5 to 18V
• High Output Sourcing/Sinking Capability up to
    300mA
• Bi-direction H-type Output Drivers for Single
    Coil
• Internal Bandgap Regulator for Temperature
    Compensation
• Low Output Switching Current Noise
• Operating Temperature: -20 to 85oC
• Low Profile TO-95 Package
• ESD Rating: 3000V (Human Body Model)
   
Applications
• Single Coil Brushless DC Motor
• Single Coil Brushless DC Fan
   




Similar Part No. - AH478

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AH471K ETC2-AH471K Datasheet
397Kb / 18P
CERAMIC DISC CAPACITOR SAFETY RECOGNIZED
AH472M ETC2-AH472M Datasheet
397Kb / 18P
CERAMIC DISC CAPACITOR SAFETY RECOGNIZED
logo
BCD Semiconductor Manuf...
AH477 BCDSEMI-AH477 Datasheet
54Kb / 2P
SINGLE PHASE HALL EFFECT LATCH
AH477 BCDSEMI-AH477 Datasheet
588Kb / 10P
SINGLE PHASE HALL EFFECT LATCH
AH477A BCDSEMI-AH477A Datasheet
590Kb / 10P
SINGLE PHASE HALL EFFECT LATCH
More results


Similar Description - AH478

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AH375 ANACHIP-AH375 Datasheet
196Kb / 6P
Single Phase Hall Effect Latch
Rev.1.3 Jan. 09, 2006
AH375 ANACHIP-AH375_1 Datasheet
183Kb / 6P
Single Phase Hall Effect Latch
logo
BCD Semiconductor Manuf...
AH287 BCDSEMI-AH287 Datasheet
333Kb / 12P
TWO PHASE HALL EFFECT LATCH WITH LOCKED PROTECTION
AH477 BCDSEMI-AH477 Datasheet
54Kb / 2P
SINGLE PHASE HALL EFFECT LATCH
AH287 BCDSEMI-AH287_09 Datasheet
596Kb / 12P
TWO PHASE HALL EFFECT LATCH WITH LOCKED PROTECTION
AH477 BCDSEMI-AH477_09 Datasheet
588Kb / 10P
SINGLE PHASE HALL EFFECT LATCH
logo
Diodes Incorporated
AH375 DIODES-AH375 Datasheet
183Kb / 9P
SINGLE PHASE HALL EFFECT LATCH
Rev ersal
AH375-WLA DIODES-AH375-WLA Datasheet
183Kb / 9P
SINGLE PHASE HALL EFFECT LATCH
Rev ersal
AH375-WL-7 DIODES-AH375-WL-7 Datasheet
183Kb / 9P
SINGLE PHASE HALL EFFECT LATCH
Rev ersal
AH477A DIODES-AH477A Datasheet
847Kb / 10P
SINGLE PHASE HALL EFFECT LATCH
Rev erses
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com