Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCP53T1 Datasheet (PDF) - ON Semiconductor

BCP53T1 Datasheet PDF - ON Semiconductor
Part # BCP53T1
Download  BCP53T1 Download
File Size   76.21 Kbytes
Page   4 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MEDIUM POWER PNP SILICON HIGH CURRENT TRANSISTOR SURFACE MOUNT

BCP53T1 Datasheet (PDF)

Go To PDF Page Download Datasheet
BCP53T1 Datasheet PDF - ON Semiconductor

Part # BCP53T1
Download  BCP53T1 Click to download

File Size   76.21 Kbytes
Page   4 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MEDIUM POWER PNP SILICON HIGH CURRENT TRANSISTOR SURFACE MOUNT

BCP53T1 Datasheet (HTML) - ON Semiconductor


BCP53T1 Product details

This PNP Silicon Epitaxial transistor is designed for use in audio amplifier applications. The device is housed in the SOT-223 package which is designed for medium power surface mount applications.

• High Current: 1.5 Amps
• NPN Complement is BCP56
• The SOT-223 Package can be soldered using wave or reflow. The
   formed leads absorb thermal stress during soldering, eliminating the
   possibility of damage to the die
• Available in 12 mm Tape and Reel
   Use BCP53T1 to order the 7 inch/1000 unit reel.
   Use BCP53T3 to order the 13 inch/4000 unit reel.
• Device Marking:
   BCP53T1 = AH
   BCP53–10T1 = AH–10
   BCP53–16T1 = AH–16




Similar Part No. - BCP53T1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BCP53T1 MOTOROLA-BCP53T1 Datasheet
99Kb / 4P
MEDIUM POWER PNP SILICON HIGH CURRENT TRANSISTOR SURFACE MOUNT
logo
ON Semiconductor
BCP53T1G ONSEMI-BCP53T1G Datasheet
141Kb / 5P
PNP Silicon Epitaxial Transistors
November, 2011 ??Rev. 8
BCP53T1G ONSEMI-BCP53T1G Datasheet
100Kb / 5P
PNP Silicon Epitaxial Transistors
February, 2011 ??Rev. 3
BCP53T1G ONSEMI-BCP53T1G Datasheet
100Kb / 5P
PNP Silicon Epitaxial Transistors MEDIUM POWER HIGH CURRENT SURFACE MOUNT
September, 2013 ??Rev. 10
BCP53T1G ONSEMI-BCP53T1G Datasheet
85Kb / 5P
PNP Silicon Epitaxial Transistors
September, 2013 ??Rev. 10
More results


Similar Description - BCP53T1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BCP53T1 MOTOROLA-BCP53T1 Datasheet
99Kb / 4P
MEDIUM POWER PNP SILICON HIGH CURRENT TRANSISTOR SURFACE MOUNT
BCP56T1 MOTOROLA-BCP56T1 Datasheet
200Kb / 6P
MEDIUM POWER NPN SILICON HIGH CURRENT TRANSISTOR SURFACE MOUNT
BCP68T1 MOTOROLA-BCP68T1 Datasheet
149Kb / 6P
MEDIUM POWER NPN SILICON HIGH CURRENT TRANSISTOR SURFACE MOUNT
BCP69T1 MOTOROLA-BCP69T1 Datasheet
71Kb / 4P
MEDIUM POWER PNP SILICON HIGH CURRENT TRANSISTOR SURFACE MOUNT
BSP62T1 MOTOROLA-BSP62T1 Datasheet
179Kb / 6P
MEDIUM POWER PNP SILICON DARLINGTON TRANSISTOR SURFACE MOUNT
logo
ON Semiconductor
BCP68T1 ONSEMI-BCP68T1 Datasheet
110Kb / 6P
MEDIUM POWER NPN SILICON HIGH CURRENT TRANSISTOR SURFACE MOUNT
1996 REV 1
logo
Central Semiconductor C...
CZT751 CENTRAL-CZT751_10 Datasheet
533Kb / 2P
SURFACE MOUNT HIGH CURRENT PNP SILICON TRANSISTOR
logo
ON Semiconductor
BCP53 ONSEMI-BCP53 Datasheet
100Kb / 5P
PNP Silicon Epitaxial Transistors MEDIUM POWER HIGH CURRENT SURFACE MOUNT
September, 2013 ??Rev. 10
logo
Central Semiconductor C...
CZT751 CENTRAL-CZT751_15 Datasheet
533Kb / 2P
SURFACE MOUNT HIGH CURRENT PNP SILICON TRANSISTOR
logo
ON Semiconductor
NSL35TT1 ONSEMI-NSL35TT1 Datasheet
208Kb / 7P
High Current Surface Mount PNP Silicon Mount PNP Silicon Transistor
August, 2006 ??Rev. 3
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com