Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCP68T1 Datasheet (PDF) - Motorola, Inc

BCP68T1 Datasheet PDF - Motorola, Inc
Part # BCP68T1
Download  BCP68T1 Download
File Size   149.59 Kbytes
Page   6 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description MEDIUM POWER NPN SILICON HIGH CURRENT TRANSISTOR SURFACE MOUNT

BCP68T1 Datasheet (PDF)

Go To PDF Page Download Datasheet
BCP68T1 Datasheet PDF - Motorola, Inc

Part # BCP68T1
Download  BCP68T1 Click to download

File Size   149.59 Kbytes
Page   6 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description MEDIUM POWER NPN SILICON HIGH CURRENT TRANSISTOR SURFACE MOUNT

BCP68T1 Datasheet (HTML) - Motorola, Inc


BCP68T1 Product details

Npn Silicon Epitaxial Transistor

This NPN Silicon Epitaxial Transistor is designed for use in low voltage, high current applications. The device is housed in the SOT-223 package, which is designed for medium power surface mount applications.

• High Current: IC = 1.0 Amp
• The SOT-223 Package can be soldered using wave or reflow.
• SOT-223 package ensures level mounting, resulting in improved thermal
   conduction, and allows visual inspection of soldered joints. The formed leads
   absorb thermal stress during soldering, eliminating the possibility of damage to
   the die
• Available in 12 mm Tape and Reel
   Use BCP68T1 to order the 7 inch/1000 unit reel.
   Use BCP68T3 to order the 13 inch/4000 unit reel.
• The PNP Complement is BCP69T1




Similar Part No. - BCP68T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BCP68T1 ONSEMI-BCP68T1 Datasheet
110Kb / 6P
MEDIUM POWER NPN SILICON HIGH CURRENT TRANSISTOR SURFACE MOUNT
1996 REV 1
BCP68T1G ONSEMI-BCP68T1G Datasheet
106Kb / 4P
NPN Silicon Epitaxial Transistor
November, 2011 ??Rev. 7
BCP68T1G ONSEMI-BCP68T1G Datasheet
106Kb / 4P
NPN Silicon Epitaxial Transistor
November, 2011 ??Rev. 7
BCP68T1G ONSEMI-BCP68T1G Datasheet
109Kb / 5P
NPN Silicon Epitaxial Transistor
January, 2014 ??Rev. 9
BCP68T1G ONSEMI-BCP68T1G_14 Datasheet
109Kb / 5P
NPN Silicon Epitaxial Transistor
January, 2014 ??Rev. 9
More results


Similar Description - BCP68T1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BCP53T1 MOTOROLA-BCP53T1 Datasheet
99Kb / 4P
MEDIUM POWER PNP SILICON HIGH CURRENT TRANSISTOR SURFACE MOUNT
BCP56T1 MOTOROLA-BCP56T1 Datasheet
200Kb / 6P
MEDIUM POWER NPN SILICON HIGH CURRENT TRANSISTOR SURFACE MOUNT
BCP69T1 MOTOROLA-BCP69T1 Datasheet
71Kb / 4P
MEDIUM POWER PNP SILICON HIGH CURRENT TRANSISTOR SURFACE MOUNT
BSP52T1 MOTOROLA-BSP52T1 Datasheet
113Kb / 6P
MEDIUM POWER NPN SILICON DARLINGTON TRANSISTOR SURFACE MOUNT
logo
ON Semiconductor
BCP53T1 ONSEMI-BCP53T1 Datasheet
76Kb / 4P
MEDIUM POWER PNP SILICON HIGH CURRENT TRANSISTOR SURFACE MOUNT
1996 REV 1
BCP68T1 ONSEMI-BCP68T1 Datasheet
110Kb / 6P
MEDIUM POWER NPN SILICON HIGH CURRENT TRANSISTOR SURFACE MOUNT
1996 REV 1
BSP52T1 ONSEMI-BSP52T1 Datasheet
113Kb / 6P
MEDIUM POWER NPN SILICON DARLINGTON TRANSISTOR SURFACE MOUNT
1996 REV 1
logo
Central Semiconductor C...
CXT5551HC CENTRAL-CXT5551HC_10 Datasheet
289Kb / 2P
SURFACE MOUNT HIGH CURRENT NPN SILICON TRANSISTOR
CZT853 CENTRAL-CZT853_10 Datasheet
535Kb / 2P
SURFACE MOUNT HIGH CURRENT NPN SILICON TRANSISTOR
CMPT5551HC CENTRAL-CMPT5551HC_15 Datasheet
327Kb / 2P
SURFACE MOUNT HIGH CURRENT NPN SILICON TRANSISTOR
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com