Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCP68T1 Datasheet (PDF) - ON Semiconductor

BCP68T1 Datasheet PDF - ON Semiconductor
Part # BCP68T1
Download  BCP68T1 Download
File Size   110.27 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MEDIUM POWER NPN SILICON HIGH CURRENT TRANSISTOR SURFACE MOUNT

BCP68T1 Datasheet (PDF)

Go To PDF Page Download Datasheet
BCP68T1 Datasheet PDF - ON Semiconductor

Part # BCP68T1
Download  BCP68T1 Click to download

File Size   110.27 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MEDIUM POWER NPN SILICON HIGH CURRENT TRANSISTOR SURFACE MOUNT

BCP68T1 Datasheet (HTML) - ON Semiconductor


BCP68T1 Product details

NPN Silicon Epitaxial Transistor

This NPN Silicon Epitaxial Transistor is designed for use in low voltage, high current applications. The device is housed in the SOT-223 package, which is designed for medium power surface mount applications.

• High Current: IC = 1.0 Amp
• The SOT-223 Package can be soldered using wave or reflow.
• SOT-223 package ensures level mounting, resulting in improved
   thermal conduction, and allows visual inspection of soldered joints.
   The formed leads absorb thermal stress during soldering, eliminating
   the possibility of damage to the die
• Available in 12 mm Tape and Reel
   Use BCP68T1 to order the 7 inch/1000 unit reel.
   Use BCP68T3 to order the 13 inch/4000 unit reel.
• The PNP Complement is BCP69T1




Similar Part No. - BCP68T1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BCP68T1 MOTOROLA-BCP68T1 Datasheet
149Kb / 6P
MEDIUM POWER NPN SILICON HIGH CURRENT TRANSISTOR SURFACE MOUNT
logo
ON Semiconductor
BCP68T1G ONSEMI-BCP68T1G Datasheet
106Kb / 4P
NPN Silicon Epitaxial Transistor
November, 2011 ??Rev. 7
BCP68T1G ONSEMI-BCP68T1G Datasheet
106Kb / 4P
NPN Silicon Epitaxial Transistor
November, 2011 ??Rev. 7
BCP68T1G ONSEMI-BCP68T1G Datasheet
109Kb / 5P
NPN Silicon Epitaxial Transistor
January, 2014 ??Rev. 9
BCP68T1G ONSEMI-BCP68T1G_14 Datasheet
109Kb / 5P
NPN Silicon Epitaxial Transistor
January, 2014 ??Rev. 9
More results


Similar Description - BCP68T1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BCP53T1 MOTOROLA-BCP53T1 Datasheet
99Kb / 4P
MEDIUM POWER PNP SILICON HIGH CURRENT TRANSISTOR SURFACE MOUNT
BCP56T1 MOTOROLA-BCP56T1 Datasheet
200Kb / 6P
MEDIUM POWER NPN SILICON HIGH CURRENT TRANSISTOR SURFACE MOUNT
BCP68T1 MOTOROLA-BCP68T1 Datasheet
149Kb / 6P
MEDIUM POWER NPN SILICON HIGH CURRENT TRANSISTOR SURFACE MOUNT
BCP69T1 MOTOROLA-BCP69T1 Datasheet
71Kb / 4P
MEDIUM POWER PNP SILICON HIGH CURRENT TRANSISTOR SURFACE MOUNT
BSP52T1 MOTOROLA-BSP52T1 Datasheet
113Kb / 6P
MEDIUM POWER NPN SILICON DARLINGTON TRANSISTOR SURFACE MOUNT
logo
ON Semiconductor
BCP53T1 ONSEMI-BCP53T1 Datasheet
76Kb / 4P
MEDIUM POWER PNP SILICON HIGH CURRENT TRANSISTOR SURFACE MOUNT
1996 REV 1
BSP52T1 ONSEMI-BSP52T1 Datasheet
113Kb / 6P
MEDIUM POWER NPN SILICON DARLINGTON TRANSISTOR SURFACE MOUNT
1996 REV 1
logo
Central Semiconductor C...
CXT5551HC CENTRAL-CXT5551HC_10 Datasheet
289Kb / 2P
SURFACE MOUNT HIGH CURRENT NPN SILICON TRANSISTOR
CZT853 CENTRAL-CZT853_10 Datasheet
535Kb / 2P
SURFACE MOUNT HIGH CURRENT NPN SILICON TRANSISTOR
CMPT5551HC CENTRAL-CMPT5551HC_15 Datasheet
327Kb / 2P
SURFACE MOUNT HIGH CURRENT NPN SILICON TRANSISTOR
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com