Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADXL321JCP Datasheet (PDF) - Analog Devices

ADXL321JCP Datasheet PDF - Analog Devices
Part # ADXL321JCP
Download  ADXL321JCP Download
File Size   379.73 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Small and Thin 18 g Accelerometer

ADXL321JCP Datasheet (PDF)

Go To PDF Page Download Datasheet
ADXL321JCP Datasheet PDF - Analog Devices

Part # ADXL321JCP
Download  ADXL321JCP Click to download

File Size   379.73 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Small and Thin 18 g Accelerometer

ADXL321JCP Datasheet (HTML) - Analog Devices


ADXL321JCP Product details

GENERAL DESCRIPTION

The ADXL321 is a small and thin, low power, complete dual axis accelerometer with signal conditioned voltage outputs, which is all on a single monolithic IC. The product measures acceleration with a full-scale range of ±18 g (typical). It can also measure both dynamic acceleration (vibration) and static acceleration (gravity).

The ADXL321’s typical noise floor is 320 µg/√Hz, allowing signals below 3 mg to be resolved in tilt-sensing applications using narrow bandwidths (<50 Hz).

The user selects the bandwidth of the accelerometer using capacitors CX and CY at the XOUT and YOUT pins. Bandwidths of 0.5 Hz to 2.5 kHz may be selected to suit the application.

The ADXL321 is available in a very thin 4 mm × 4 mm × 1.45 mm, 16-lead, plastic LFCSP.



FEATURES

  Small and thin

     4 mm × 4 mm × 1.45 mm LFCSP package

  3 mg resolution at 50 Hz

  Wide supply voltage range: 2.4 V to 6 V

  Low power: 350 µA at VS = 2.4 V (typ)

  Good zero g bias stability

  Good sensitivity accuracy

  X-axis and Y-axis aligned to within 0.1° (typ)

  BW adjustment with a single capacitor

  Single-supply operation

  10,000 g shock survival

  Compatible with Sn/Pb and Pb-free solder processes



APPLICATIONS

  Vibration monitoring and compensation

  Abuse event detection

  Sports equipment



 




Similar Part No. - ADXL321JCP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL320 AD-ADXL320 Datasheet
412Kb / 16P
Small and Thin 5 g Accelerometer
9/04-Revision 0
ADXL320EB AD-ADXL320EB Datasheet
412Kb / 16P
Small and Thin 5 g Accelerometer
9/04-Revision 0
ADXL320JCP-REEL AD-ADXL320JCP-REEL Datasheet
412Kb / 16P
Small and Thin 5 g Accelerometer
9/04-Revision 0
ADXL320JCP-REEL7 AD-ADXL320JCP-REEL7 Datasheet
412Kb / 16P
Small and Thin 5 g Accelerometer
9/04-Revision 0
ADXL320JCP1 AD-ADXL320JCP1 Datasheet
412Kb / 16P
Small and Thin 5 g Accelerometer
9/04-Revision 0
More results


Similar Description - ADXL321JCP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL320 AD-ADXL320 Datasheet
412Kb / 16P
Small and Thin 5 g Accelerometer
9/04-Revision 0
ADXL322 AD-ADXL322 Datasheet
363Kb / 16P
Small and Thin -2 g Accelerometer
REV. 0
ADXL327 AD-ADXL327 Datasheet
330Kb / 16P
Small, Low Power, 3-Axis 짹2 g Accelerometer
REV. 0
ADXL335 AD-ADXL335_10 Datasheet
430Kb / 16P
Small, Low Power, 3-Axis 짹3 g Accelerometer
REV. B
ADXL377BCPZ-RL7 AD-ADXL377BCPZ-RL7 Datasheet
261Kb / 12P
Small, Low Power, 3-Axis 200 g Accelerometer
REV. 0
ADXL103 AD-ADXL103_15 Datasheet
853Kb / 16P
Precision 1.7 g, 5 g, 18 g Single-/ Dual-Axis iMEMS Accelerometer
Rev. E
ADXL203 AD-ADXL203_15 Datasheet
853Kb / 16P
Precision 1.7 g, 5 g, 18 g Single-/ Dual-Axis iMEMS Accelerometer
Rev. E
ADXL320 AD-ADXL320_15 Datasheet
460Kb / 16P
Small and Thin 5 g iMEMS Accelerometer
Rev.0
ADXL322 AD-ADXL322_15 Datasheet
401Kb / 16P
Small and Thin 2 g Accelerometer
Rev.0
logo
A-Data Technology
UV140 A-DATA-UV140 Datasheet
429Kb / 2P
Small and thin
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com