Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD168001 Datasheet (PDF) - NEC

UPD168001 Datasheet PDF - NEC
Part # UPD168001
Download  UPD168001 Download
File Size   138.25 Kbytes
Page   20 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description MONOLITHIC 4-CHANNEL H BRIDGE LOW-SIDE SWITCH

UPD168001 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD168001 Datasheet PDF - NEC

Part # UPD168001
Download  UPD168001 Click to download

File Size   138.25 Kbytes
Page   20 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description MONOLITHIC 4-CHANNEL H BRIDGE LOW-SIDE SWITCH

UPD168001 Datasheet (HTML) - NEC


UPD168001 Product details

DESCRIPTION
The µPD168001 is a monolithic 4-channel H bridge driver and low-side switch IC that uses a power MOSFET at the output stage. Because of the MOSFET at the output stage, both the inputs and outputs are interfaced by PWM digital signals, and the power consumption can therefore be lowered. A 30-pin thin shrink SOP is employed as the package to help to create a small and thin set.

FEATURES
O Four H bridge circuits using power MOSFET and low-side switch
O Low on-resistance
    4-ch H bridge: 2 Ω MAX. (sum of upper and lower stages)
    Low-side switch: 2 Ω MAX.
O High-speed PWM drive: Operating frequency up to 120 kHz
O Thin 30-pin shrink SOP (7.62 mm (300) with 0.65 mm pitch)




Similar Part No. - UPD168001

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD168001 RENESAS-UPD168001 Datasheet
289Kb / 22P
MOS INTEGRATED CIRCUIT
2003
UPD168001MC-6A4-A RENESAS-UPD168001MC-6A4-A Datasheet
289Kb / 22P
MOS INTEGRATED CIRCUIT
2003
More results


Similar Description - UPD168001

ManufacturerPart #DatasheetDescription
logo
NEC
UPD16805 NEC-UPD16805 Datasheet
85Kb / 12P
MONOLITHIC H BRIDGE DRIVER CIRCUIT
UPD16823 NEC-UPD16823 Datasheet
71Kb / 8P
MONOLITHIC H BRIDGE DRIVER
UPD16857 NEC-UPD16857 Datasheet
78Kb / 16P
MONOLITHIC 6 channel H-BRIDGE DRIVER
logo
Motorola, Inc
MC33486 MOTOROLA-MC33486 Datasheet
392Kb / 9P
Dual High Side Switch for H-Bridge Automotive Applications
logo
NEC
UPD168102 NEC-UPD168102 Datasheet
185Kb / 16P
MONOLITHIC 6-CHANNEL H BRIDGE DRIVER
UPD168002 NEC-UPD168002 Datasheet
186Kb / 15P
MONOLITHIC 6-CHANNEL H-BRIDGE DRIVER
logo
Freescale Semiconductor...
33486A FREESCALE-33486A Datasheet
900Kb / 30P
Dual High-Side Switch for H-Bridge Applications
logo
Sanyo Semicon Device
LB1973JA SANYO-LB1973JA Datasheet
218Kb / 5P
Monolithic Digital IC Two-channel H-Bridge Driver
logo
Renesas Technology Corp
PD16823 RENESAS-PD16823_15 Datasheet
185Kb / 10P
MONOLITHIC H BRIDGE DRIVER
PD168002 RENESAS-PD168002_15 Datasheet
281Kb / 17P
MONOLITHIC 6-CHANNEL H-BRIDGE DRIVER
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com