Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33486A Datasheet (PDF) - Freescale Semiconductor, Inc

33486A Datasheet PDF - Freescale Semiconductor, Inc
Part # 33486A
Download  33486A Download
File Size   900.26 Kbytes
Page   30 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Dual High-Side Switch for H-Bridge Applications

33486A Datasheet (PDF)

Go To PDF Page Download Datasheet
33486A Datasheet PDF - Freescale Semiconductor, Inc

Part # 33486A
Download  33486A Click to download

File Size   900.26 Kbytes
Page   30 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Dual High-Side Switch for H-Bridge Applications

33486A Datasheet (HTML) - Freescale Semiconductor, Inc




Similar Part No. - 33486A

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
33486-1601 MOLEX4-33486-1601 Datasheet
932Kb / 6P
3.50mm (.138") Pitch MX150??Hybrid Sealed Male Connector, Dual Row, 16 CircuitsPolarization A, without Connector Position Assurance, Black
33486-1602 MOLEX4-33486-1602 Datasheet
822Kb / 5P
3.50mm (.138") Pitch MX150??Hybrid Sealed Male Connector, Dual Row, 16 Circuits,Polarization B, without Connector Position Assurance, Gray
33486-1603 MOLEX4-33486-1603 Datasheet
822Kb / 5P
3.50mm (.138") Pitch MX150??Hybrid Sealed Male Connector, Dual Row, 16 CircuitsPolarization C, without Connector Position Assurance, Brown
33486-1604 MOLEX4-33486-1604 Datasheet
822Kb / 5P
3.50mm (.138") Pitch MX150??Hybrid Sealed Male Connector, Dual Row, 16 CircuitsPolarization D, without Connector Position Assurance, Green
More results


Similar Description - 33486A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33486 MOTOROLA-MC33486 Datasheet
392Kb / 9P
Dual High Side Switch for H-Bridge Automotive Applications
logo
NEC
UPD168001 NEC-UPD168001 Datasheet
138Kb / 20P
MONOLITHIC 4-CHANNEL H BRIDGE LOW-SIDE SWITCH
logo
Infineon Technologies A...
ISP452 INFINEON-ISP452 Datasheet
166Kb / 10P
Smart Power High-Side-Switch for Industrial Applications
2006-03-01
ITS428L2 INFINEON-ITS428L2 Datasheet
238Kb / 13P
Smart High-Side Power Switch for Industrial Applications
2006-Mar-16
ITS4142N INFINEON-ITS4142N Datasheet
444Kb / 19P
Smart High-Side Power Switch for Industrial Applications
2006-03-09
ITS428L2 INFINEON-ITS428L2_08 Datasheet
279Kb / 15P
Smart High-Side Power Switch for Industrial Applications
Rev. 1.1, 2008-10-10
ITS5215L INFINEON-ITS5215L_08 Datasheet
305Kb / 15P
Smart High-Side Power Switch for Industrial Applications
Rev. 1.1, 2008-10-07
logo
STMicroelectronics
L9959 STMICROELECTRONICS-L9959 Datasheet
828Kb / 49P
Single and dual PMOS high-side H-bridge
28-Oct-2015
L9959S STMICROELECTRONICS-L9959S Datasheet
1Mb / 43P
Single and dual PMOS high-side H-bridge
L99H02 STMICROELECTRONICS-L99H02 Datasheet
1Mb / 51P
H-bridge gate driver for automotive applications
24-Feb-2021
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com