Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33486A Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # 33486A
Description  Dual High-Side Switch for H-Bridge Applications
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33486A Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  33486A Datasheet HTML 1Page - Freescale Semiconductor, Inc 33486A Datasheet HTML 2Page - Freescale Semiconductor, Inc 33486A Datasheet HTML 3Page - Freescale Semiconductor, Inc 33486A Datasheet HTML 4Page - Freescale Semiconductor, Inc 33486A Datasheet HTML 5Page - Freescale Semiconductor, Inc 33486A Datasheet HTML 6Page - Freescale Semiconductor, Inc 33486A Datasheet HTML 7Page - Freescale Semiconductor, Inc 33486A Datasheet HTML 8Page - Freescale Semiconductor, Inc 33486A Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
Analog Integrated Circuit Device Data
2
Freescale Semiconductor
33486A
INTERNAL BLOCK DIAGRAM
INTERNAL BLOCK DIAGRAM
Figure 2. 33486A Simplified Internal Block Diagram
IN1
IN2
Charge
Pump
Undervoltage/
Lockout
Input
Trigger
Over
temperature
Current
Recopy
Over
current
VBAT
OUT1
ST
GND
CHANNEL 1
CHANNEL 2
Thermal
Sensor
Cur R
Switching
Adjust
Speed
2
GLS1
WAKE
Sleep
Mode
IN2
Overvoltage
Driver
Overload and
Cross-Conduction
Management
OUT2
GLS2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com