Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33486A Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # 33486A
Description  Dual High-Side Switch for H-Bridge Applications
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33486A Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button 33486A Datasheet HTML 17Page - Freescale Semiconductor, Inc 33486A Datasheet HTML 18Page - Freescale Semiconductor, Inc 33486A Datasheet HTML 19Page - Freescale Semiconductor, Inc 33486A Datasheet HTML 20Page - Freescale Semiconductor, Inc 33486A Datasheet HTML 21Page - Freescale Semiconductor, Inc 33486A Datasheet HTML 22Page - Freescale Semiconductor, Inc 33486A Datasheet HTML 23Page - Freescale Semiconductor, Inc 33486A Datasheet HTML 24Page - Freescale Semiconductor, Inc 33486A Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
21
33486A
FUNCTIONAL DESCRIPTION
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
Table 5. TRUTH TABLE
Standard H-Bridge Conditions
IN1
IN2
WAKE
OUT1
OUT
GLS1
GLS2
ST
Comment
Normal Operation
X
X
0
Z
Z
L
L
1
Standby Mode
0
0
1
L
L
H
H
1
Brake to Ground
1
0
1
H
L
L
H
1
Direction 1
0
11L
H
H
L
1
Direction 2
1
1
1
H
H
L
L
1
Not Recommended
(9)
Undervoltage
XX
1
L
L
H
H
1
(10)
Overvoltage
XX
1
L
L
H
H
1
(10)
Overtemperature High-Side 1
H
L1L
L
H
H
0
(11)
Overtemperature High-Side 2
LH
1
L
L
H
H
0
(11)
Overcurrent High-Side 1
1X1
Z
X
L
X
0
(12)
Overcurrent High-Side 2
X1
1X
Z
X
L
0
(12)
Overcurrent Low-Side 1
X
X
1
Z
Z
LL0
(13)
Overcurrent Low-Side 2
X
X
1
Z
Z
LL0
(13)
Legend
0, L = Low level.
1, H = High level.
X = Don’t care.
Z = High impedance.
Notes
9.
In H-Bridge configuration it is not advisable to short the motor to VBAT . If an overvoltage condition occurred in this mode, it would
damage the 33486A. The current recirculation in the low-side MOSFET is a preferred solution, with IN1=0 and IN2=0.
10.
Once the overvoltage condition or undervoltage condition is removed, the H-Bridge recovers its normal operation mode.
11.
When the thermal shutdown is reached on one of the high-side MOSFETs, both high sides are turned off with the motor tied to ground.
When the overtemperature condition is finished, the H-Bridge recovers it previous normal operation mode.
12.
The high-side MOSFET HSn that experienced an overcurrent is latched off. The corresponding output OUTn is open. Once the high-
side overcurrent condition is removed, the input INn must be reset in order to recover the normal operation mode.
13.
When a short to VBAT of one of the low-side MOSFETs occurs, both outputs are opened to prevent the motor from running. Once the
low-side overcurrent is removed, the input INn of the output that experienced the fault must be reset in order to recover the normal
operation mode. Figure 22, Overload on Low-Side 1, page 18, shows an example. If an overload happens in low-side 1, OUT1 and
OUT2 are both put in high impedance. IN2 must be reset to recover normal mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com