Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33486A Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # 33486A
Description  Dual High-Side Switch for H-Bridge Applications
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33486A Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button 33486A Datasheet HTML 9Page - Freescale Semiconductor, Inc 33486A Datasheet HTML 10Page - Freescale Semiconductor, Inc 33486A Datasheet HTML 11Page - Freescale Semiconductor, Inc 33486A Datasheet HTML 12Page - Freescale Semiconductor, Inc 33486A Datasheet HTML 13Page - Freescale Semiconductor, Inc 33486A Datasheet HTML 14Page - Freescale Semiconductor, Inc 33486A Datasheet HTML 15Page - Freescale Semiconductor, Inc 33486A Datasheet HTML 16Page - Freescale Semiconductor, Inc 33486A Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
13
33486A
FUNCTIONAL DESCRIPTION
FUNCTIONAL DEVICE OPERATION
FUNCTIONAL DEVICE OPERATION
TYPICAL ELECTRICAL CHARACTERISTICS
Figure 9. High-Speed Positive Slew Rate (tHRA) at 25°C for Different Loads
Figure 10. High-Speed Negative Slew Rate (tHFA) at 25°C for Different Loads
0.0
5.0
10.0
15.0
20.0
25.0
30.0
35.0
40.0
45.0
8
10
121416
Vbat ( V)
0.5 Ohm 25°C
1 Ohm 25°C
2 Ohm 25°C
3 Ohm 25°C
VBAT (V)
3.0
Ω 25°C
2.0
Ω 25°C
1.0
Ω 25°C
0.5
Ω 25°C
Note
tHF A is measured from 60% VBAT to 20% VBAT.
Note
tHRA is measured from 10% VBAT to 40% VBAT.
8.0
20.0
40.0
60.0
80.0
100.0
120.0
140.0
160.0
810
12
14
16
Vbat (V)
0.5 Ohm at 25°C
1 Ohm at 25°C
2 Ohm at 25°C
3 Ohm at 25°C
0.5
Ω 25°C
1.0
Ω 25°C
2.0
Ω 25°C
3.0
Ω 25°C
VBAT (V)
Note tHFA is measured from 60% VBAT to 20% VBAT.
8.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com