Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM9968C Datasheet (PDF) - Anpec Electronics Coropration

APM9968C Datasheet PDF - Anpec Electronics Coropration
Part # APM9968C
Download  APM9968C Download
File Size   130.51 Kbytes
Page   10 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description N-Channel Enhancement Mode MOSFET

APM9968C Datasheet (PDF)

Go To PDF Page Download Datasheet
APM9968C Datasheet PDF - Anpec Electronics Coropration

Part # APM9968C
Download  APM9968C Click to download

File Size   130.51 Kbytes
Page   10 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description N-Channel Enhancement Mode MOSFET

APM9968C Datasheet (HTML) - Anpec Electronics Coropration


APM9968C Product details

Features
• 20V/6A , RDS(ON)=16mΩ(typ.) @ VGS=4.5V
                 RDS(ON)=20mΩ(typ.) @ VGS=2.5V
• Super High Dense Cell Design for Extremely Low RDS(ON)
• Reliable and Rugged
• TSSOP-8 Packages
• Lead Free Available (RoHS Compliant)

Applications
• Power Management in Notebook Computer, Portable Equipment and Battery Powered Systems
• Zener Diode Protected Gate Provide Human Body Mode Electrostatic Discharge Protection to 2500 V




Similar Part No. - APM9968C

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APM9968CO ANPEC-APM9968CO Datasheet
122Kb / 10P
Dual N-Channel Enhancement Mode MOSFET
APM9968COC-TR ANPEC-APM9968COC-TR Datasheet
122Kb / 10P
Dual N-Channel Enhancement Mode MOSFET
APM9968COC-TRL ANPEC-APM9968COC-TRL Datasheet
122Kb / 10P
Dual N-Channel Enhancement Mode MOSFET
APM9968COC-TU ANPEC-APM9968COC-TU Datasheet
122Kb / 10P
Dual N-Channel Enhancement Mode MOSFET
APM9968COC-TUL ANPEC-APM9968COC-TUL Datasheet
122Kb / 10P
Dual N-Channel Enhancement Mode MOSFET
More results


Similar Description - APM9968C

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN1012 SYNC-POWER-SPN1012 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN1423A SYNC-POWER-SPN1423A Datasheet
211Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
logo
Stanson Technology
ST2302M STANSON-ST2302M Datasheet
170Kb / 6P
N Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN4920A SYNC-POWER-SPN4920A Datasheet
235Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN4972 SYNC-POWER-SPN4972 Datasheet
242Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN8080 SYNC-POWER-SPN8080 Datasheet
239Kb / 10P
N-Channel Enhancement Mode MOSFET
SPN9507 SYNC-POWER-SPN9507 Datasheet
237Kb / 9P
N-Channel Enhancement Mode MOSFET
SPN9971 SYNC-POWER-SPN9971 Datasheet
269Kb / 10P
N-Channel Enhancement Mode MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com