Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM9968C Datasheet(PDF) 3 Page - Anpec Electronics Coropration

Part # APM9968C
Description  N-Channel Enhancement Mode MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APM9968C Datasheet(HTML) 3 Page - Anpec Electronics Coropration

  APM9968C Datasheet HTML 1Page - Anpec Electronics Coropration APM9968C Datasheet HTML 2Page - Anpec Electronics Coropration APM9968C Datasheet HTML 3Page - Anpec Electronics Coropration APM9968C Datasheet HTML 4Page - Anpec Electronics Coropration APM9968C Datasheet HTML 5Page - Anpec Electronics Coropration APM9968C Datasheet HTML 6Page - Anpec Electronics Coropration APM9968C Datasheet HTML 7Page - Anpec Electronics Coropration APM9968C Datasheet HTML 8Page - Anpec Electronics Coropration APM9968C Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.1 - Jul., 2003
www.anpec.com.tw
3
APM9968C
APM9968C
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Ciss
Input Capacitance
1253
Coss
Output Capacitance
340
Crss
Reverse Transfer Capacitance
VGS=0V
VDS=15V
Frequency=1.0MHz
260
pF
Notes
a : Pulse test ; pulse width
≤300µs, duty cycle ≤ 2%
b : Guaranteed by design, not subject to production testing
Electrical Characteristics Cont. (T
A = 25°C unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com