Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM9968C Datasheet(PDF) 5 Page - Anpec Electronics Coropration

Part # APM9968C
Description  N-Channel Enhancement Mode MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APM9968C Datasheet(HTML) 5 Page - Anpec Electronics Coropration

  APM9968C Datasheet HTML 1Page - Anpec Electronics Coropration APM9968C Datasheet HTML 2Page - Anpec Electronics Coropration APM9968C Datasheet HTML 3Page - Anpec Electronics Coropration APM9968C Datasheet HTML 4Page - Anpec Electronics Coropration APM9968C Datasheet HTML 5Page - Anpec Electronics Coropration APM9968C Datasheet HTML 6Page - Anpec Electronics Coropration APM9968C Datasheet HTML 7Page - Anpec Electronics Coropration APM9968C Datasheet HTML 8Page - Anpec Electronics Coropration APM9968C Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.1 - Jul., 2003
www.anpec.com.tw
5
APM9968C
0123
4567
8
0.008
0.012
0.016
0.020
0.024
0.028
0.032
0.036
0.040
0.044
0
5
10
15
20
0
500
1000
1500
2000
2500
0
4
8
12
16
20
24
0
1
2
3
4
5
-50
-25
0
25
50
75
100
125
150
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
Typical Characteristics
VGS - Gate-to-Source Voltage (V)
ID=6A
On-Resistance vs. Gate-to-Source Voltage
On-Resistance vs. Junction Temperature
VGS=4.5V
ID=6A
TJ - Junction Temperature (°C)
VDS - Drain-to-Source Voltage (V)
Capacitance
Ciss
Coss
Crss
Gate Charge
QG - Gate Charge (nC)
VDS=10V
ID=6A
Frequency=1MHz



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com