Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DB5B-D2AA Datasheet (PDF) - ZF Friedrichshafen AG

DB5B-D2AA Datasheet PDF - ZF Friedrichshafen AG
Part # DB5B-D2AA
Download  DB5B-D2AA Download
File Size   279.05 Kbytes
Page   2 Pages
Manufacturer  ZFSWITCHES [ZF Friedrichshafen AG]
Direct Link  https://switches-sensors.zf.com/
Logo ZFSWITCHES - ZF Friedrichshafen AG
Description Precision switch with high repeat accuracy

DB5B-D2AA Datasheet (PDF)

Go To PDF Page Download Datasheet
DB5B-D2AA Datasheet PDF - ZF Friedrichshafen AG

Part # DB5B-D2AA
Download  DB5B-D2AA Click to download

File Size   279.05 Kbytes
Page   2 Pages
Manufacturer  ZFSWITCHES [ZF Friedrichshafen AG]
Direct Link  https://switches-sensors.zf.com/
Logo ZFSWITCHES - ZF Friedrichshafen AG
Description Precision switch with high repeat accuracy

DB5B-D2AA Datasheet (HTML) - ZF Friedrichshafen AG




Similar Part No. - DB5B-D2AA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
DB5 STMICROELECTRONICS-DB5 Datasheet
43Kb / 4P
TRIGGER DIODES
Apr-1995
logo
France Joint
DB5 FRANCEJOINT-DB5 Datasheet
313Kb / 4P
SHAFT SEALS WITH A TYPE 5 STOP
logo
DIOTEC Electronics Corp...
DB5000P DEC-DB5000P Datasheet
482Kb / 2P
50 AMP SILICON BRIDGE RECTIFIERS
DB5001P DEC-DB5001P Datasheet
482Kb / 2P
50 AMP SILICON BRIDGE RECTIFIERS
DB5002P DEC-DB5002P Datasheet
482Kb / 2P
50 AMP SILICON BRIDGE RECTIFIERS
More results


Similar Description - DB5B-D2AA

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9911 SUTEX-HV9911 Datasheet
455Kb / 9P
Switch-mode LED Driver IC with High Current Accuracy
HV9911 SUTEX-HV9911_06 Datasheet
728Kb / 14P
Switch-Mode LED Driver IC with High Current Accuracy
logo
Diodes Incorporated
ZXLD1356 DIODES-ZXLD1356 Datasheet
1Mb / 32P
High accuracy 550mA, 60V LED driver with internal switch
ZXLD1366 DIODES-ZXLD1366 Datasheet
1Mb / 32P
High accuracy 1A, 60V LED driver with internal switch
ZXLD1366 DIODES-ZXLD1366_10 Datasheet
402Kb / 32P
HIGH ACCURACY 1A, 60V LED DRIVER WITH INTERNAL SWITCH
Rev 5
logo
Tyco Electronics
SRC MACOM-SRC Datasheet
156Kb / 1P
Specification Grade Repeat Cycle
logo
Infineon Technologies A...
TLE4966-2K INFINEON-TLE4966-2K Datasheet
1Mb / 14P
High Precision Hall Switch with two Outputs
Rev.1.0, 2010-06-28
logo
Cherry Semiconductor Co...
DB1R-B1AA CHERRY-DB1R-B1AA Datasheet
2Mb / 4P
High-precision switch with high repeat accuracy
logo
Supertex, Inc
HV9911 SUTEX-HV9911_09 Datasheet
754Kb / 14P
Switch-Mode LED Driver IC with High Current Accuracy
logo
TE Connectivity Ltd
AGASTAT-2100 TEC-AGASTAT-2100 Datasheet
400Kb / 4P
High Repeat Accuracy over voltage and temperature extremes
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com