Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC3018TJ Datasheet (PDF) - NEC

UPC3018TJ Datasheet PDF - NEC
Part # UPC3018TJ
Download  UPC3018TJ Download
File Size   76.87 Kbytes
Page   12 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description LOW-SATURATION STABILIZED POWER SUPPLY WITH ON/OFF FUNCTION (1 A OUTPUT)

UPC3018TJ Datasheet (PDF)

Go To PDF Page Download Datasheet
UPC3018TJ Datasheet PDF - NEC

Part # UPC3018TJ
Download  UPC3018TJ Click to download

File Size   76.87 Kbytes
Page   12 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description LOW-SATURATION STABILIZED POWER SUPPLY WITH ON/OFF FUNCTION (1 A OUTPUT)

UPC3018TJ Datasheet (HTML) - NEC


UPC3018TJ Product details

DESCRIPTION
The µPC3018 and 3025 are low-saturation type regulators with an output current of 1 A at respective output voltages of 1.8 and 2.5 V. These regulators are also provided with an ON/OFF function, which reduces the dissipation when there is no load, making them ideal for systems requiring low power consumption.

FEATURES
• ON/OFF pin for output control (active-high)
• Output current capacitance: 1 A
• Low minimum voltage difference between input and output (VDIF = 0.5 V MAX. (when IO = 0.5 A))
• Output voltage accuracy: ±2%
• On-chip inrush current protection circuit for when input voltage rises (when input voltage is low)
• On-chip overcurrent limiter and thermal shutdown circuit
• On-chip safe operating area controller




Similar Part No. - UPC3018TJ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPC3018TJ RENESAS-UPC3018TJ Datasheet
247Kb / 14P
BIPOLAR ANALOG INTEGRATED CIRCUIT
2002
More results


Similar Description - UPC3018TJ

ManufacturerPart #DatasheetDescription
logo
NEC
UPC29S00 NEC-UPC29S00 Datasheet
74Kb / 16P
LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF FUNCTION
logo
Rohm
BAOOST ROHM-BAOOST Datasheet
245Kb / 12P
Low saturation voltage type regulator with ON / OFF switch
logo
Sanyo Semicon Device
L88MS33T SANYO-L88MS33T Datasheet
130Kb / 7P
3.3 V, 0.5 A Low Dropout Voltage Regulator with On/Off Function
LA5691D SANYO-LA5691D Datasheet
156Kb / 6P
Voltage Regulator Driver with Watchdog Timer(with Output ON/OFF Function)
logo
Mitsumi Electronics, Co...
MM1065 MITSUMI-MM1065 Datasheet
98Kb / 5P
Ultra-Low Power Consumption Low-Saturation Three-Pin Regulators with On/Off Pin
logo
Sharp Corporation
PQ20RX05 SHARP-PQ20RX05 Datasheet
67Kb / 6P
Variable Output Type Low Power-Loss Voltage Regulator with ON/OFF Control Function
PQ070VK01FZH SHARP-PQ070VK01FZH Datasheet
410Kb / 6P
Variable Output, Low Power-Loss Voltage Regulators with Output ON/OFF Control Function
PQ150VB01FZ SHARP-PQ150VB01FZ Datasheet
85Kb / 7P
Variable Output Low Power-Loss Voltage Regulator (Built-in Overheart Shutdown function, Output ON/OFF control function)
logo
Toshiba Semiconductor
TA48S018F TOSHIBA-TA48S018F Datasheet
226Kb / 11P
1-A Output Current and Low Dropout Voltage Regulator with ON/OFF Control Switch
logo
Sparkle Power Inc.
SPI150FA SPI-SPI150FA Datasheet
53Kb / 1P
150 Watts FLEX ATX Power Supply Remote ON/OFF function
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com