Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD168103A Datasheet (PDF) - NEC

UPD168103A Datasheet PDF - NEC
Part # UPD168103A
Download  UPD168103A Download
File Size   233.59 Kbytes
Page   20 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 5-CHANNEL OPERATIONAL AMPLIFIER, IRIS DRIVER, AND 4-CHANNEL H-BRIDGE DRIVER

UPD168103A Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD168103A Datasheet PDF - NEC

Part # UPD168103A
Download  UPD168103A Click to download

File Size   233.59 Kbytes
Page   20 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 5-CHANNEL OPERATIONAL AMPLIFIER, IRIS DRIVER, AND 4-CHANNEL H-BRIDGE DRIVER

UPD168103A Datasheet (HTML) - NEC


UPD168103A Product details

DESCRIPTION
The µ PD168103A is the motor driver IC with IRIS control circuit, operational amplifier and 4-ch H-bridge output. Smooth operation is possible for IRIS control with linear method.
The package is 48-pin thin type QFN and then it helps reduce the mounting area and height.
The µ PD168103A is suitable for the lens drive of a camcorder, DSC, etc.

FEATURES
• 5-ch H-bridge circuits employing power MOS FET
• Low-voltage driving
    LVDD = 2.7 to 3.6 V, AVDD = 4.5 to 5.5 V, VM12 = VM34 = VSHUTTER = VIRIS = 2.7 to 5.5 V
• Output on-state resistance: 2.0 Ω TYP., 3.0 Ω MAX. (4-ch H-bridge block, sum of top and bottom stage, VM = 5 V)
• PWM output (ch1 to ch4)
• Output current
    DC current: ±0.3 A/ch (when each channel is used independently)
    Peak current: ±0.7 A/ch (when each channel is used independently)
• 3-ch general-purpose operational amplifier
    Input offset voltage: ±5 mV
    Input voltage range: 0 to AVDD − 1.5 V
    Output voltage range: 0.2 to AVDD − 0.2 V
• 1-ch current sink amplifier
    Output current: 5 mA
• 1-ch 1/2VDD output amplifier
• IRIS driver block supporting linear driving
• Pre-driver amplifier of the IRIS driver block
• Undervoltage lockout circuit
    Output circuit and amplifier stop at LVDD = 1.7 V TYP. or less.
• Overheat protection circuit
    Operates at 150°C or more and shuts down the output circuit.
• Mounted on 48-pin plastic WQFN (7 x 7)

APPLICATIONS
    Lens motor driving for DVC and DSC, etc.




Similar Part No. - UPD168103A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD168103A RENESAS-UPD168103A Datasheet
364Kb / 22P
MOS INTEGRATED CIRCUIT
2005
UPD168103AK9-5B4-A RENESAS-UPD168103AK9-5B4-A Datasheet
364Kb / 22P
MOS INTEGRATED CIRCUIT
2005
More results


Similar Description - UPD168103A

ManufacturerPart #DatasheetDescription
logo
Rohm
BA6890FP ROHM-BA6890FP Datasheet
175Kb / 8P
4-channel H-bridge-type BTL driver
logo
NEC
UPD168002 NEC-UPD168002 Datasheet
186Kb / 15P
MONOLITHIC 6-CHANNEL H-BRIDGE DRIVER
UPD168103 NEC-UPD168103 Datasheet
231Kb / 20P
5-CHANNEL OPERATIONAL AMPLIFIER, IRIS DRIVER, AND 4-CHANNEL H-BRIDGE DRIVER
logo
Sanyo Semicon Device
LV8412GR SANYO-LV8412GR Datasheet
88Kb / 7P
H-Bridge 횞 4-channel Motor Driver
LB1973M SANYO-LB1973M Datasheet
367Kb / 5P
Two-channel H-Bridge Driver
LB1973M SANYO-LB1973M_11 Datasheet
338Kb / 5P
Two-channel H-Bridge Driver
logo
ON Semiconductor
LB1973JA-AH ONSEMI-LB1973JA-AH Datasheet
173Kb / 5P
Two-channel H-Bridge Driver
June, 2013
logo
Renesas Technology Corp
PD168103 RENESAS-PD168103_15 Datasheet
368Kb / 22P
5-CHANNEL OPERATIONAL AMPLIFIER, IRIS DRIVER, AND 4-CHANNEL H-BRIDGE DRIVER
logo
Shenzhen Huazhimei Semi...
HM116A HMSEMI-HM116A Datasheet
936Kb / 5P
Single channel H-bridge driver
HM117 HMSEMI-HM117 Datasheet
834Kb / 5P
Single channel H-bridge driver
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com