Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD168103A Datasheet (PDF) - Renesas Technology Corp

UPD168103A Datasheet PDF - Renesas Technology Corp
Part # UPD168103A
Download  UPD168103A Download
File Size   364.2 Kbytes
Page   22 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description MOS INTEGRATED CIRCUIT

UPD168103A Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD168103A Datasheet PDF - Renesas Technology Corp

Part # UPD168103A
Download  UPD168103A Click to download

File Size   364.2 Kbytes
Page   22 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description MOS INTEGRATED CIRCUIT

UPD168103A Datasheet (HTML) - Renesas Technology Corp


UPD168103A Product details

FEATURES
• 5-ch H-bridge circuits employing power MOSFET
• Low-voltage driving
LVDD = 2.7 to 3.6 V, AVDD = 4.5 to 5.5 V, VM12 = VM34 = VSHUTTER = VIRIS = 2.7 to 5.5 V
• Output on-state resistance: 2.0 Ω TYP., 3.0 Ω MAX. (4-ch H-bridge block, sum of top and bottom stage, VM = 5 V)
• PWM output (ch1 to ch4)
• Output current
DC current: ±0.3 A/ch (when each channel is used independently)
Peak current: ±0.7 A/ch (when each channel is used independently)
• 3-ch general-purpose operational amplifier
Input offset voltage: ±5 mV
Input voltage range: 0 to AVDD − 1.5 V
Output voltage range: 0.2 to AVDD − 0.2 V
• 1-ch current sink amplifier
Output current: 5 mA
• 1-ch 1/2AVDD output amplifier
• IRIS driver block supporting linear driving
• Pre-driver amplifier of the IRIS driver block
• Undervoltage lockout circuit
Output circuit and amplifier stop at LVDD = 1.7 V TYP. or less.
• Overheat protection circuit
Operates at 150°C or more and shuts down the output circuit.
• Mounted on 48-pin plastic WQFN (7 x 7)




Similar Part No. - UPD168103A

ManufacturerPart #DatasheetDescription
logo
NEC
UPD168103A NEC-UPD168103A Datasheet
233Kb / 20P
5-CHANNEL OPERATIONAL AMPLIFIER, IRIS DRIVER, AND 4-CHANNEL H-BRIDGE DRIVER
UPD168103AK9-5B4-A NEC-UPD168103AK9-5B4-A Datasheet
233Kb / 20P
5-CHANNEL OPERATIONAL AMPLIFIER, IRIS DRIVER, AND 4-CHANNEL H-BRIDGE DRIVER
More results


Similar Description - UPD168103A

ManufacturerPart #DatasheetDescription
logo
NEC
UPD720122 NEC-UPD720122 Datasheet
650Kb / 82P
MOS Integrated Circuit
UPD720110 NEC-UPD720110 Datasheet
405Kb / 32P
MOS INTEGRATED CIRCUIT
UPD703130 NEC-UPD703130 Datasheet
601Kb / 72P
MOS INTEGRATED CIRCUIT
UPD16874 NEC-UPD16874 Datasheet
218Kb / 19P
MOS INTEGRATED CIRCUIT
UPD16601 NEC-UPD16601 Datasheet
98Kb / 13P
MOS Integrated Circuit
UPD65881GB-P02 NEC-UPD65881GB-P02 Datasheet
76Kb / 8P
MOS Integrated Circuit
UPD121W18AT1F NEC-UPD121W18AT1F Datasheet
265Kb / 16P
MOS INTEGRATED CIRCUIT
UPD121A10 NEC-UPD121A10 Datasheet
214Kb / 10P
MOS INTEGRATED CIRCUIT
logo
Renesas Technology Corp
UPD166021T1F RENESAS-UPD166021T1F Datasheet
382Kb / 25P
MOS INTEGRATED CIRCUIT
PD166105GS RENESAS-PD166105GS_15 Datasheet
134Kb / 17P
MOS INTEGRATED CIRCUIT
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com