Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMD279C3 Datasheet (PDF) - Custom MMIC Design Services, Inc.

CMD279C3 Datasheet PDF - Custom MMIC Design Services, Inc.
Part # CMD279C3
Download  CMD279C3 Download
File Size   366.65 Kbytes
Page   11 Pages
Manufacturer  MMIC [Custom MMIC Design Services, Inc.]
Direct Link  https://www.custommmic.com/
Logo MMIC - Custom MMIC Design Services, Inc.
Description 2-18 GHz 5-bit Digital Attenuator

CMD279C3 Datasheet (PDF)

Go To PDF Page Download Datasheet
CMD279C3 Datasheet PDF - Custom MMIC Design Services, Inc.

Part # CMD279C3
Download  CMD279C3 Click to download

File Size   366.65 Kbytes
Page   11 Pages
Manufacturer  MMIC [Custom MMIC Design Services, Inc.]
Direct Link  https://www.custommmic.com/
Logo MMIC - Custom MMIC Design Services, Inc.
Description 2-18 GHz 5-bit Digital Attenuator

CMD279C3 Datasheet (HTML) - Custom MMIC Design Services, Inc.




Similar Part No. - CMD279C3

ManufacturerPart #DatasheetDescription
logo
Custom MMIC Design Serv...
CMD279 MMIC-CMD279 Datasheet
432Kb / 11P
2-30 GHz 5-bit Digital Attenuator
More results


Similar Description - CMD279C3

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT-260 MACOM-AT-260 Datasheet
97Kb / 2P
Digital Attenuator, 31 dB, 5-Bit DC . 2 GHz
AT-280 MACOM-AT-280 Datasheet
96Kb / 2P
Digital Attenuator, 15.5 dB, 5-Bit DC - 2 GHz
AT-357 MACOM-AT-357 Datasheet
34Kb / 2P
GaAs Digital Attenuator, 31 dB, 5 Bit DC - 2 GHz
MADA2030G MACOM-MADA2030G Datasheet
98Kb / 2P
5-Bit GaAs Digital Attenuator DC - 2 GHz
MAATGM0004 MACOM-MAATGM0004 Datasheet
230Kb / 6P
Attenuator, Digital, 5-Bit 0.1 - 20.0 GHz
logo
M/A-COM Technology Solu...
AT-357 MA-COM-AT-357 Datasheet
61Kb / 3P
GaAs Digital Attenuator 31 dB, 5 - Bit, DC - 2 GHz
AT-357 MA-COM-AT-357_15 Datasheet
632Kb / 4P
GaAs Digital Attenuator 31 dB, 5-Bit, DC-2 GHz
logo
Custom MMIC Design Serv...
CMD279 MMIC-CMD279 Datasheet
432Kb / 11P
2-30 GHz 5-bit Digital Attenuator
CMD280 MMIC-CMD280 Datasheet
431Kb / 11P
DC-30 GHz 5-bit Digital Attenuator
CMD280C3 MMIC-CMD280C3 Datasheet
382Kb / 11P
DC-18 GHz 5-bit Digital Attenuator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com