Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDTA114TMB Datasheet (PDF) - Nexperia B.V. All rights reserved

PDTA114TMB Datasheet PDF - Nexperia B.V. All rights reserved
Part # PDTA114TMB
Download  PDTA114TMB Download
File Size   617.19 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description PNP resistor-equipped transistor; R1 = 10 k廓, R2 = open

PDTA114TMB Datasheet (PDF)

Go To PDF Page Download Datasheet
PDTA114TMB Datasheet PDF - Nexperia B.V. All rights reserved

Part # PDTA114TMB
Download  PDTA114TMB Click to download

File Size   617.19 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description PNP resistor-equipped transistor; R1 = 10 k廓, R2 = open

PDTA114TMB Datasheet (HTML) - Nexperia B.V. All rights reserved


PDTA114TMB Product details

General description
PNP Resistor-Equipped Transistor (RET) in a leadless ultra small DFN1006B-3 (SOT883B) Surface-Mounted Device (SMD) plastic package.
NPN complement: PDTC114TMB.

Features and benefits
■ 100 mA output current capability
■ Reduces component count
■ Built-in bias resistors
■ Reduces pick and place costs
■ Simplifies circuit design
■ AEC-Q101 qualified
■ Leadless ultra small SMD plastic package
■ Low package height of 0.37 mm

Applications
■ Low-current peripheral driver
■ Control of IC inputs
■ Replaces general-purpose transistors
   in digital applications
■ Mobile applications




Similar Part No. - PDTA114TMB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTA114TM PHILIPS-PDTA114TM Datasheet
91Kb / 14P
PNP resistor-equipped transistors; R1 = 10 kOHM, R2 = open
2004 Aug 02
PDTA114TM NXP-PDTA114TM Datasheet
88Kb / 11P
PNP resistor-equipped transistors; R1 = 10 kW, R2 = open
Rev. 07-20 April 2007
PDTA114TM NXP-PDTA114TM Datasheet
88Kb / 11P
NPN resistor-equipped transistors; R1 = 10 kW, R2 = open
Rev. 08-9 February 2006
logo
Nexperia B.V. All right...
PDTA114TM NEXPERIA-PDTA114TM Datasheet
586Kb / 11P
NPN resistor-equipped transistors; R1 = 10 kW, R2 = open
Rev. 08 - 9 February 2006
PDTA114TM NEXPERIA-PDTA114TM Datasheet
202Kb / 12P
PNP resistor-equipped transistors; R1 = 10 kW, R2 = open
Rev. 07 - 20 April 2007
More results


Similar Description - PDTA114TMB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMB4 NXP-PEMB4 Datasheet
137Kb / 8P
PNP/PNP resistor-equipped transistors; R1 = 10 k廓, R2 = open
2003 Oct 15
logo
Nexperia B.V. All right...
PDTA113ZMB NEXPERIA-PDTA113ZMB Datasheet
628Kb / 13P
PNP resistor-equipped transistor; R1 = 1 k廓, R2 = 10 k廓
PDTA114EMB NEXPERIA-PDTA114EMB Datasheet
845Kb / 12P
PNP resistor-equipped transistor; R1 = 10 k廓, R2 = 10 k廓
PDTA115TMB NEXPERIA-PDTA115TMB Datasheet
616Kb / 12P
PNP resistor-equipped transistor; R1 = 100 k廓, R2 = open
PDTA123TMB NEXPERIA-PDTA123TMB Datasheet
729Kb / 12P
PNP resistor-equipped transistor; R1 = 2.2 k廓, R2 = open
PDTA124TMB NEXPERIA-PDTA124TMB Datasheet
724Kb / 12P
PNP resistor-equipped transistor; R1 = 22 k廓, R2 = open
PDTA143TMB NEXPERIA-PDTA143TMB Datasheet
725Kb / 12P
PNP resistor-equipped transistor; R1 = 4.7 k廓, R2 = open
PDTA143XMB NEXPERIA-PDTA143XMB Datasheet
962Kb / 12P
PNP resistor-equipped transistor; R1 = 4.7 k廓, R2 = 10 k廓
PDTA144TMB NEXPERIA-PDTA144TMB Datasheet
724Kb / 12P
PNP resistor-equipped transistor; R1 = 47 k廓, R2 = open
PDTC114TMB NEXPERIA-PDTC114TMB Datasheet
617Kb / 12P
NPN resistor-equipped transistor; R1 = 10 k廓, R2 = open
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com