Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDTA124XMB Datasheet (PDF) - Nexperia B.V. All rights reserved

PDTA124XMB Datasheet PDF - Nexperia B.V. All rights reserved
Part # PDTA124XMB
Download  PDTA124XMB Download
File Size   747.39 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description PNP resistor-equipped transistor; R1 = 22 k廓, R2 = 47 k廓

PDTA124XMB Datasheet (PDF)

Go To PDF Page Download Datasheet
PDTA124XMB Datasheet PDF - Nexperia B.V. All rights reserved

Part # PDTA124XMB
Download  PDTA124XMB Click to download

File Size   747.39 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description PNP resistor-equipped transistor; R1 = 22 k廓, R2 = 47 k廓

PDTA124XMB Datasheet (HTML) - Nexperia B.V. All rights reserved


PDTA124XMB Product details

General description
PNP Resistor-Equipped Transistor (RET) in a leadless ultra small DFN1006B-3 (SOT883B) Surface-Mounted Device (SMD) plastic package.

NPN complement: PDTC124XMB.

Features and benefits
■ 100 mA output current capability
■ Reduces component count
■ Built-in bias resistors
■ Reduces pick and place costs
■ Simplifies circuit design
■ AEC-Q101 qualified
■ Leadless ultra small SMD plastic
   package
■ Low package height of 0.37 mm

Applications
■ Low-current peripheral driver
■ Control of IC inputs
■ Replaces general-purpose transistors
   in digital applications
■ Mobile applications




Similar Part No. - PDTA124XMB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTA124XM PHILIPS-PDTA124XM Datasheet
93Kb / 14P
PNP resistor-equipped transistors; R1 = 22 kohm, R2 = 47 kohm
2004 Aug 04
PDTA124XM NXP-PDTA124XM Datasheet
90Kb / 12P
PNP resistor-equipped transistors; R1 = 22 kW, R2 = 47 kW
Rev. 08-3 September 2009
logo
Nexperia B.V. All right...
PDTA124XM NEXPERIA-PDTA124XM Datasheet
205Kb / 13P
PNP resistor-equipped transistors; R1 = 22 kW, R2 = 47 kW
Rev. 08 - 3 September 2009
More results


Similar Description - PDTA124XMB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTA144W NXP-PDTA144W Datasheet
188Kb / 14P
PNP resistor-equipped transistors; R1 = 47 k廓, R2 = 22 k廓
2004 Aug 05
PEMB2 NXP-PEMB2 Datasheet
144Kb / 8P
PNP/PNP resistor-equipped transistors; R1 = 47 k廓, R2 = 47 k廓
2003 Oct 15
PDTA143ZMB NXP-PDTA143ZMB Datasheet
703Kb / 11P
PNP resistor-equipped transistor; R1 = 4.7 k廓, R2 = 47 k廓
Rev. 1-29 June 2012
PDTC144WMB PHILIPS-PDTC144WMB_15 Datasheet
696Kb / 11P
NPN resistor-equipped transistor; R1 = 47 k廓, R2 = 22 k廓
Rev. 1-2 July 2012
logo
Nexperia B.V. All right...
PDTA114YMB NEXPERIA-PDTA114YMB Datasheet
842Kb / 12P
PNP resistor-equipped transistor; R1 = 10 k廓, R2 = 47 k廓
PDTA124EMB NEXPERIA-PDTA124EMB Datasheet
969Kb / 12P
PNP resistor-equipped transistor; R1 = 22 k廓, R2 = 22 k廓
PDTA144EMB NEXPERIA-PDTA144EMB Datasheet
969Kb / 13P
PNP resistor-equipped transistor; R1 = 47 k廓, R2 = 47 k廓
PDTA144WMB NEXPERIA-PDTA144WMB Datasheet
834Kb / 12P
PNP resistor-equipped transistor; R1 = 47 k廓, R2 = 22 k廓
PDTC144WMB NEXPERIA-PDTC144WMB Datasheet
831Kb / 12P
NPN resistor-equipped transistor; R1 = 47 k廓, R2 = 22 k廓
PDTC124XMB NEXPERIA-PDTC124XMB Datasheet
619Kb / 12P
NPN resistor-equipped transistor; R1 = 22 k廓, R2 = 47 k廓
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com