Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDTA124XM Datasheet (PDF) - NXP Semiconductors

PDTA124XM Datasheet PDF - NXP Semiconductors
Part # PDTA124XM
Download  PDTA124XM Download
File Size   90.31 Kbytes
Page   12 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description PNP resistor-equipped transistors; R1 = 22 kW, R2 = 47 kW

PDTA124XM Datasheet (PDF)

Go To PDF Page Download Datasheet
PDTA124XM Datasheet PDF - NXP Semiconductors

Part # PDTA124XM
Download  PDTA124XM Click to download

File Size   90.31 Kbytes
Page   12 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description PNP resistor-equipped transistors; R1 = 22 kW, R2 = 47 kW

PDTA124XM Datasheet (HTML) - NXP Semiconductors


PDTA124XM Product details

General description
PNP Resistor-Equipped Transistors (RET) family.

Features
■ Built-in bias resistors
■ Reduces component count
■ Simplifies circuit design
■ Reduces pick and place costs
■ 100 mA output current capability

Applications
■ Digital applications
■ Cost-saving alternative for BC857 series in digital applications
■ Controlling IC inputs
■ Switching loads




Similar Part No. - PDTA124XM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTA124XM PHILIPS-PDTA124XM Datasheet
93Kb / 14P
PNP resistor-equipped transistors; R1 = 22 kohm, R2 = 47 kohm
2004 Aug 04
logo
Nexperia B.V. All right...
PDTA124XM NEXPERIA-PDTA124XM Datasheet
205Kb / 13P
PNP resistor-equipped transistors; R1 = 22 kW, R2 = 47 kW
Rev. 08 - 3 September 2009
PDTA124XMB NEXPERIA-PDTA124XMB Datasheet
747Kb / 12P
PNP resistor-equipped transistor; R1 = 22 k廓, R2 = 47 k廓
More results


Similar Description - PDTA124XM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTA143Z PHILIPS-PDTA143Z Datasheet
92Kb / 14P
PNP resistor-equipped transistors R1 = 4.7 kW, R2 = 47 kW
2004 Aug 05
PDTA144V NXP-PDTA144V Datasheet
122Kb / 18P
PNP resistor-equipped transistors; R1 = 47 kW, R2 = 10 kW
Rev. 04-3 September 2009
PEMB16 NXP-PEMB16 Datasheet
238Kb / 9P
PNP/PNP resistor-equipped transistors; R1 = 22 kW, R2 = 47 kW
Rev. 03-31 August 2009
PEMB17 NXP-PEMB17 Datasheet
71Kb / 11P
PNP/PNP resistor-equipped transistors; R1 = 47 kW, R2 = 22 kW
Rev. 03-1 September 2009
PUMD16 NXP-PUMD16_05 Datasheet
69Kb / 10P
NPN/PNP resistor-equipped transistors R1 = 22 kW, R2 = 47 kW
Rev. 02-7 June 2005
PEMB16_PUMB16 PHILIPS-PEMB16_PUMB16_15 Datasheet
238Kb / 9P
PNP/PNP resistor-equipped transistors; R1 = 22 kW, R2 = 47 kW
Rev. 03-31 August 2009
PEMD17_PUMD17 PHILIPS-PEMD17_PUMD17_15 Datasheet
76Kb / 12P
NPN/PNP resistor-equipped transistors R1 = 47 kW, R2 = 22 kW
Rev. 03-24 January 2005
logo
Nexperia B.V. All right...
PEMB16 NEXPERIA-PEMB16 Datasheet
339Kb / 10P
PNP/PNP resistor-equipped transistors; R1 = 22 kW, R2 = 47 kW
Rev. 03 - 31 August 2009
PEMB17 NEXPERIA-PEMB17 Datasheet
186Kb / 12P
PNP/PNP resistor-equipped transistors; R1 = 47 kW, R2 = 22 kW
Rev. 03 - 1 September 2009
PDTA124X_SER NEXPERIA-PDTA124X_SER Datasheet
205Kb / 13P
PNP resistor-equipped transistors; R1 = 22 kW, R2 = 47 kW
Rev. 08 - 3 September 2009
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com