Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELM380P Datasheet (PDF) - ELM Electronics

ELM380P Datasheet PDF - ELM Electronics
Part # ELM380P
Download  ELM380P Download
File Size   28.31 Kbytes
Page   4 Pages
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics
Description BATTERY CHARGER TIMER

ELM380P Datasheet (PDF)

Go To PDF Page Download Datasheet
ELM380P Datasheet PDF - ELM Electronics

Part # ELM380P
Download  ELM380P Click to download

File Size   28.31 Kbytes
Page   4 Pages
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics
Description BATTERY CHARGER TIMER

ELM380P Datasheet (HTML) - ELM Electronics


ELM380P Product details

Description
The ELM380 is an 8 pin integrated circuit that is used to provide very long time interval outputs. It is typically used for enabling the charge circuit in Nickel Cadmium battery chargers, but can be easily adapted for many other applications.

Features
• Low power CMOS design - typically 1mA at 5V
• Wide supply range - 3.0 to 5.5 volt operation
• Quick settings of 8 or 14 hours
• Complementary outputs simplify designs
• External reset input for system use
• Internal pullup resistors for switch inputs
• High current drive outputs - up to 25 mA
• Line frequency input for accurate timing

Applications
• Ni-Cd battery chargers
• Yard lighting or watering controls
• Houseplant grow lamp controllers




Similar Part No. - ELM380P

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM381 ELM-ELM381 Datasheet
30Kb / 4P
60 Hz Long Interval Counter
ELM381P ELM-ELM381P Datasheet
34Kb / 4P
Digitally selectable delays
ELM382 ELM-ELM382 Datasheet
34Kb / 4P
50 Hz Long Interval Counter
ELM382P ELM-ELM382P Datasheet
34Kb / 4P
50 Hz Long Interval Counter
ELM382SM ELM-ELM382SM Datasheet
34Kb / 4P
50 Hz Long Interval Counter
More results


Similar Description - ELM380P

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW4100 NJRC-NJW4100 Datasheet
280Kb / 19P
Lithium-ion Battery Charger Controller IC with Timer
logo
STMicroelectronics
GSAC-8.507BC STMICROELECTRONICS-GSAC-8.507BC Datasheet
57Kb / 4P
BATTERY CHARGER
Feb-1994
logo
Semtech Corporation
SC802 SEMTECH-SC802 Datasheet
748Kb / 16P
Fully Integrated Lithium-Ion Battery Charger System with Timer
SC804 SEMTECH-SC804 Datasheet
536Kb / 21P
Fully Integrated Lithium-Ion Battery Charger System with Timer
SC804A SEMTECH-SC804A Datasheet
539Kb / 21P
Fully Integrated 4.4V Lithium-Ion Battery Charger System with Timer
SC802 SEMTECH-SC802_08 Datasheet
639Kb / 18P
Fully Integrated Lithium-Ion Battery Charger System with Timer
logo
Monolithic Power System...
MP2608 MPS-MP2608 Datasheet
453Kb / 12P
28V, 1A Dual Input Linear Battery Charger With Timer
logo
Technology Dynamics Inc...
TCP-BC-12-50 TECHNOLOGY-TCP-BC-12-50 Datasheet
286Kb / 2P
BATTERY CHARGER
logo
Shanghai Consonance Ele...
CN3059 CONSONANCE-CN3059 Datasheet
205Kb / 12P
Battery Charger
logo
Altech corporation
CB12245A ALTECH-CB12245A Datasheet
785Kb / 2P
Battery Charger
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com