Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELM382SM Datasheet (PDF) - ELM Electronics

ELM382SM Datasheet PDF - ELM Electronics
Part # ELM382SM
Download  ELM382SM Download
File Size   34.18 Kbytes
Page   4 Pages
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics
Description 50 Hz Long Interval Counter

ELM382SM Datasheet (PDF)

Go To PDF Page Download Datasheet
ELM382SM Datasheet PDF - ELM Electronics

Part # ELM382SM
Download  ELM382SM Click to download

File Size   34.18 Kbytes
Page   4 Pages
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics
Description 50 Hz Long Interval Counter

ELM382SM Datasheet (HTML) - ELM Electronics


ELM382SM Product details

Description

The ELM382 is a digitally configurable, multi stage counter circuit in a single 8 pin package. When connected to a 50Hz source, four time periods from one hour to one week are possible, as shown in Table 1 below.





Features

• Low power CMOS design - typically 1mA at 5V

• Wide supply range – 3.0 to 5.5 volt operation

• Digitally selectable delays

• Schmitt trigger circuitry on the clock input

• Completely static operation

• Long term accuracy with line frequency clock

• High current drive outputs – up to 25 mA

• Reset input provided with a pullup resistor


 




Similar Part No. - ELM382SM

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM380 ELM-ELM380 Datasheet
28Kb / 4P
BATTERY CHARGER TIMER
ELM380P ELM-ELM380P Datasheet
28Kb / 4P
BATTERY CHARGER TIMER
ELM380SM ELM-ELM380SM Datasheet
28Kb / 4P
BATTERY CHARGER TIMER
ELM381 ELM-ELM381 Datasheet
30Kb / 4P
60 Hz Long Interval Counter
ELM381P ELM-ELM381P Datasheet
34Kb / 4P
Digitally selectable delays
More results


Similar Description - ELM382SM

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN6780 PANASONIC-AN6780 Datasheet
47Kb / 4P
General Purpose Long Interval Timers
AN6783S PANASONIC-AN6783S Datasheet
85Kb / 9P
IC for long interval timer
logo
ELM Electronics
ELM381 ELM-ELM381 Datasheet
30Kb / 4P
60 Hz Long Interval Counter
ELM446 ELM-ELM446 Datasheet
19Kb / 3P
50 HZ GENERATOR
logo
List of Unclassifed Man...
EBACT2310H ETC2-EBACT2310H Datasheet
29Kb / 2P
Timers Interval
logo
KR Electronics, Inc.
3164 KR-3164 Datasheet
49Kb / 2P
50 Hz Lowpass
logo
Mallory Sonalert Produc...
PMO-4015SN-42UQ MSPI-PMO-4015SN-42UQ Datasheet
102Kb / 1P
Frequency 50 - 12000 Hz
logo
Schneider Electric
140EHC20200 SCHNEIDER-140EHC20200 Datasheet
135Kb / 5P
Modicon Quantum - high-speed counter module - 500000 Hz
Apr 18, 2022
logo
Littelfuse
KRDI LITTELFUSE-KRDI Datasheet
643Kb / 2P
Dedicated - Interval
2018 Rev: 1-A-101018
KSD2 LITTELFUSE-KSD2 Datasheet
530Kb / 2P
Interval Timer
2016 Rev: 1-A-062116
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com