Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5378 Datasheet (PDF) - Cirrus Logic

CS5378 Datasheet PDF - Cirrus Logic
Part # CS5378
Download  CS5378 Download
File Size   1111.94 Kbytes
Page   86 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description Low-power Single-channel Decimation Filter

CS5378 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS5378 Datasheet PDF - Cirrus Logic

Part # CS5378
Download  CS5378 Click to download

File Size   1111.94 Kbytes
Page   86 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description Low-power Single-channel Decimation Filter

CS5378 Datasheet (HTML) - Cirrus Logic


CS5378 Product details

Description
The CS5378 is a multi-function digital filter utilizing a lowpower signal processing architecture to achieve efficient filtering for a delta-sigma-type modulator. By combining the CS5378 with a CS3301A/02A differential amplifier and a CS5373A modulator + test DAC, a synchronous high-resolution, self-testing, single-channel measurement system can be designed quickly and easily.

Features
● Single-channel Digital Decimation Filter
    ♦ Multiple On-chip FIR and IIR Coefficient Sets
    ♦ Programmable Coefficients for Custom Filters
    ♦ Synchronous Operation
● Integrated PLL for Clock Generation
    ♦ 1.024 MHz, 2.048 MHz, or 4.096 MHz Input
    ♦ Standard Clock or Manchester Input
● Selectable Output Word Rate
    ♦ 4000, 2000, 1000, 500, 333, 250 SPS
    ♦ 200, 125, 100, 50, 40, 25, 20, 10, 5, 1 SPS
● Digital Gain and Offset Corrections
● Test DAC Bit-stream Generator
    ♦ Digital Sine Wave Output
● Time Break Controller, General-purpose I/O
● Microcontroller or EEPROM Configuration
● Small-footprint, 28-pin SSOP Package
● Low Power Consumption
    ♦ 16 mW at 500 SPS OWR
● Flexible Power Supplies
    ♦ I/O Interface and PLL: 3.3 V or 5.0 V
    ♦ Digital Logic Core: 2.5 V, 3.3 V or 5.0 V




Similar Part No. - CS5378

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5378 CIRRUS-CS5378 Datasheet
1Mb / 88P
Low-power Single-channel Decimation Filter
CS5378-IS CIRRUS-CS5378-IS Datasheet
1Mb / 88P
Low-power Single-channel Decimation Filter
CS5378-ISZ CIRRUS-CS5378-ISZ Datasheet
1Mb / 88P
Low-power Single-channel Decimation Filter
CS5378 CIRRUS-CS5378_08 Datasheet
1Mb / 88P
Low-power Single-channel Decimation Filter
More results


Similar Description - CS5378

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1069-6 LINER-LTC1069-6 Datasheet
226Kb / 8P
Single Supply, Very Low Power, Elliptic Lowpass Filter
logo
Cirrus Logic
CS5376A CIRRUS-CS5376A Datasheet
1Mb / 107P
LOW POWER MULTI CHANNEL DECIMATION FILTER
logo
Burr-Brown (TI)
DF1750 BURR-BROWN-DF1750 Datasheet
222Kb / 13P
Dual Channel DIGITAL DECIMATION FILTER
logo
Cirrus Logic
CRD5381 CIRRUS-CRD5381 Datasheet
978Kb / 24P
Audio A/D Converter w/ Asynchronous Decimation Filter Reference Design
CS5376A CIRRUS-CS5376A_05 Datasheet
1Mb / 108P
Low-power, Multi-channel Decimation Filter
CS5376A CIRRUS-CS5376A_08 Datasheet
1Mb / 106P
Low-power, Multi-channel Decimation Filter
CS5378 CIRRUS-CS5378_08 Datasheet
1Mb / 88P
Low-power Single-channel Decimation Filter
logo
Linear Technology
LTC1069-6 LINER-LTC1069-6_15 Datasheet
174Kb / 10P
Single Supply, Very Low Power, Elliptic Lowpass Filter
logo
SG Micro Corp
SGM9152 SGMICRO-SGM9152 Datasheet
461Kb / 12P
Single Channel, Video Filter
logo
New Japan Radio
NJM8190 NJRC-NJM8190 Datasheet
895Kb / 17P
Single Channel Low power Comparator
Ver.2.0
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com