Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5378 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS5378
Description  Low-power Single-channel Decimation Filter
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5378 Datasheet(HTML) 1 Page - Cirrus Logic

  CS5378 Datasheet HTML 1Page - Cirrus Logic CS5378 Datasheet HTML 2Page - Cirrus Logic CS5378 Datasheet HTML 3Page - Cirrus Logic CS5378 Datasheet HTML 4Page - Cirrus Logic CS5378 Datasheet HTML 5Page - Cirrus Logic CS5378 Datasheet HTML 6Page - Cirrus Logic CS5378 Datasheet HTML 7Page - Cirrus Logic CS5378 Datasheet HTML 8Page - Cirrus Logic CS5378 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 86 page
background image
Copyright
© Cirrus Logic, Inc. 2005
(All Rights Reserved)
http://www.cirrus.com
CS5378
Low-power Single-channel Decimation Filter
Features
Single-channel Digital Decimation Filter
Multiple On-chip FIR and IIR Coefficient Sets
Programmable Coefficients for Custom Filters
Synchronous Operation
Integrated PLL for Clock Generation
1.024 MHz, 2.048 MHz, or 4.096 MHz Input
Standard Clock or Manchester Input
Selectable Output Word Rate
4000, 2000, 1000, 500, 333, 250 SPS
200, 125, 100, 50, 40, 25, 20, 10, 5, 1 SPS
Digital Gain and Offset Corrections
Test DAC Bit-stream Generator
Sine Wave or Impulse Output Mode
Time Break Controller, General-purpose I/O
Microcontroller or EEPROM Configuration
Small-footprint, 28-pin SSOP Package
Low Power Consumption
16 mW at 500 SPS OWR
Flexible Power Supplies
I/O Interface and PLL: 3.3 V or 5.0 V
Digital Logic Core: 2.5 V, 3.3 V or 5.0 V
Description
The CS5378 is a multi-function digital filter utilizing a low-
power signal processing architecture to achieve efficient
filtering for a delta-sigma-type modulator. By combining
the CS5378 with a CS3301/02 differential amplifier, a
CS5371 modulator, and a CS4373 test DAC, a synchro-
nous high-resolution measurement system can be
designed quickly and easily.
Digital filter coefficients for the CS5378 FIR and IIR filters
are included on-chip for a simple setup, or they can be
programmed for custom applications. Selectable digital
filter decimation ratios produce output word rates from
4000 SPS to 1 SPS, resulting in measurement band-
widths ranging from 1600 Hz down to 400 mHz when
using the on-chip coefficient sets.
The CS5378 includes integrated peripherals to simplify
system design: a low-jitter PLL for standard clock or
manchester inputs, offset and gain corrections, a test
DAC bit stream generator, a time break controller, and
eight general-purpose I/O pins.
ORDERING INFORMATION
See page 86.
I
Serial Interface
Decimation and
Filtering Engine
Modulator Data Interface
Test Bit Stream
Controller
Reset, Synchronization
TBSDATA
Time Break Controller
GPIO
General Purpose I/O
SYNC
MSYNC
TIMEB
GPIO5:PLL1
GPIO4:PLL0
GPIO3
GPIO2
GPIO1
GPIO0
GPIO6:PLL2
GPIO7:BOOT
RESET
CLK
MCLK
PLL, Clock Generation
OCT ‘05
DS639F1


Similar Part No. - CS5378

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5378 CIRRUS-CS5378 Datasheet
1Mb / 88P
Low-power Single-channel Decimation Filter
CS5378-IS CIRRUS-CS5378-IS Datasheet
1Mb / 88P
Low-power Single-channel Decimation Filter
CS5378-ISZ CIRRUS-CS5378-ISZ Datasheet
1Mb / 88P
Low-power Single-channel Decimation Filter
CS5378 CIRRUS-CS5378_08 Datasheet
1Mb / 88P
Low-power Single-channel Decimation Filter
More results

Similar Description - CS5378

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1069-6 LINER-LTC1069-6 Datasheet
226Kb / 8P
Single Supply, Very Low Power, Elliptic Lowpass Filter
logo
Cirrus Logic
CS5376A CIRRUS-CS5376A Datasheet
1Mb / 107P
LOW POWER MULTI CHANNEL DECIMATION FILTER
logo
Burr-Brown (TI)
DF1750 BURR-BROWN-DF1750 Datasheet
222Kb / 13P
Dual Channel DIGITAL DECIMATION FILTER
logo
Cirrus Logic
CRD5381 CIRRUS-CRD5381 Datasheet
978Kb / 24P
Audio A/D Converter w/ Asynchronous Decimation Filter Reference Design
CS5376A CIRRUS-CS5376A_05 Datasheet
1Mb / 108P
Low-power, Multi-channel Decimation Filter
CS5376A CIRRUS-CS5376A_08 Datasheet
1Mb / 106P
Low-power, Multi-channel Decimation Filter
CS5378 CIRRUS-CS5378_08 Datasheet
1Mb / 88P
Low-power Single-channel Decimation Filter
logo
Linear Technology
LTC1069-6 LINER-LTC1069-6_15 Datasheet
174Kb / 10P
Single Supply, Very Low Power, Elliptic Lowpass Filter
logo
SG Micro Corp
SGM9152 SGMICRO-SGM9152 Datasheet
461Kb / 12P
Single Channel, Video Filter
logo
New Japan Radio
NJM8190 NJRC-NJM8190 Datasheet
895Kb / 17P
Single Channel Low power Comparator
Ver.2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com