Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5378 Datasheet(PDF) 78 Page - Cirrus Logic

Part # CS5378
Description  Low-power Single-channel Decimation Filter
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5378 Datasheet(HTML) 78 Page - Cirrus Logic

Back Button CS5378 Datasheet HTML 74Page - Cirrus Logic CS5378 Datasheet HTML 75Page - Cirrus Logic CS5378 Datasheet HTML 76Page - Cirrus Logic CS5378 Datasheet HTML 77Page - Cirrus Logic CS5378 Datasheet HTML 78Page - Cirrus Logic CS5378 Datasheet HTML 79Page - Cirrus Logic CS5378 Datasheet HTML 80Page - Cirrus Logic CS5378 Datasheet HTML 81Page - Cirrus Logic CS5378 Datasheet HTML 82Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 86 page
background image
CS5378
DS639F1
78
20.2.7
TBSCFG : 0x2A
(MSB) 23
22
21
20
19
18
17
16
INTP7
INTP6
INTP5
INTP4
INTP3
INTP2
INTP1
INTP0
R/WR/W
R/WR/W
R/WR/W
R/WR/W
00
000000
15
14
13
12
11
10
9
8
TMODE
RATE2
RATE1
RATE0
TSYNC
--
--
--
R/WR/W
R/WR/W
R/WR/W
R/WR/W
00
000000
76
54321
(LSB) 0
LOOP
RUN
DDLY5
DDLY4
DDLY3
DDLY2
DDLY1
DDLY0
R/WR/W
R/WR/W
R/WR/W
R/WR/W
00
000000
DF Address: 0x2A
--
Not defined;
read as 0
R
Readable
WWritable
R/W
Readable and
Writable
Bits in bottom rows
are reset condition
Figure 49. Test Bit Stream Configuration Register TBSCFG
Bit definitions:
23:16 INTP[7:0]
Interpolation factor
0xFF: 256
0xFE: 255
...
0x01: 2
0x00: 1 (use once)
15
TMODE
Operational mode
1: Impulse mode
0: Sine Mode
7
LOOP
Loopback
TBSDATA output
to MDATA inputs
1: Enabled
0: Disabled
14:12 RATE[2:0]
TBSDATA and
TBSCLK output
rate.
111: 2.048 MHz
110: 1.024 MHz
101: 512 kHz
100: 256 kHz
011: 128 kHz
010: 64 kHz
001: 32 kHz
000: 4 kHz
6
RUN
Run Test Bit Stream
1: Enabled
0: Disabled
11
TSYNC
Synchronization
1: Sync enabled
0: No sync
5:0
DDLY[5:0]
TBSDATA output
delay
0x3F: 63 bits
0x3E: 62 bits
...
0x01: 1 bit
0x00: 0 bits ( no
delay)
10:8
--
reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com