Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5378 Datasheet(PDF) 21 Page - Cirrus Logic

Part # CS5378
Description  Low-power Single-channel Decimation Filter
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5378 Datasheet(HTML) 21 Page - Cirrus Logic

Back Button CS5378 Datasheet HTML 17Page - Cirrus Logic CS5378 Datasheet HTML 18Page - Cirrus Logic CS5378 Datasheet HTML 19Page - Cirrus Logic CS5378 Datasheet HTML 20Page - Cirrus Logic CS5378 Datasheet HTML 21Page - Cirrus Logic CS5378 Datasheet HTML 22Page - Cirrus Logic CS5378 Datasheet HTML 23Page - Cirrus Logic CS5378 Datasheet HTML 24Page - Cirrus Logic CS5378 Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 86 page
background image
CS5378
DS639F1
21
5. RESET CONTROL
The CS5378 reset signal is active low. When re-
leased, a series of self-tests are performed and the
device either actively boots from an external EE-
PROM or enters an idle state waiting for microcon-
troller configuration.
5.1 Pin Descriptions
RESET - Pin 18
Reset input, active low.
GPIO7:BOOT - Pin 28
Boot mode select, latched immediately following
reset. Weak (~100 k
Ω) internal pull-up defaults
high, external 10 k
Ω pull-down required to set low.
5.2 Reset Self-Tests
After RESET is released but before booting, a se-
ries of digital filter self-tests are run. Results are
combined into the SELFTEST register (0x2F),
with 0x0AAAAA indicating all passed. Self-tests
require 60 ms to complete.
5.3 Boot Configurations
The logic state of the BOOT pin after reset deter-
mines if the CS5378 actively reads configuration
information from EEPROM or enters an idle state
waiting for a microcontroller to write configuration
commands.
EEPROM Boot
When the BOOT pin is high after reset, the CS5378
actively reads data from an external serial EE-
PROM and then begins operation in the specified
configuration. Configuration commands and data
are encoded in the EEPROM as specified in the
‘Configuration By EEPROM’ section of this data
sheet, starting on page 25.
Microcontroller Boot
When the BOOT pin is low after reset, the CS5378
enters an idle state waiting for a microcontroller to
write configuration commands and initialize filter
operation. Configuration commands and data are
written as specified in the ‘Configuration By Mi-
crocontroller’ section of this data sheet, starting on
page 30.
RESET
Self-Tests
SELFTEST
Register
BOOT
Pin
EEPROM
Boot
µController
Boot
1
0
Figure 11. Reset Control Block Diagram
BOOT
Reset Mode
1
EEPROM boot
0
Microcontroller boot
Self-Test
Type
Pass
Code
Fail
Code
Program ROM
0x00000A
0x00000F
Data ROM
0x0000A0
0x0000F0
Program RAM
0x000A00
0x000F00
Data RAM
0x00A000
0x00F000
Execution Unit
0x0A0000
0x0F0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com