Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5378 Datasheet(PDF) 36 Page - Cirrus Logic

Part # CS5378
Description  Low-power Single-channel Decimation Filter
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5378 Datasheet(HTML) 36 Page - Cirrus Logic

Back Button CS5378 Datasheet HTML 32Page - Cirrus Logic CS5378 Datasheet HTML 33Page - Cirrus Logic CS5378 Datasheet HTML 34Page - Cirrus Logic CS5378 Datasheet HTML 35Page - Cirrus Logic CS5378 Datasheet HTML 36Page - Cirrus Logic CS5378 Datasheet HTML 37Page - Cirrus Logic CS5378 Datasheet HTML 38Page - Cirrus Logic CS5378 Datasheet HTML 39Page - Cirrus Logic CS5378 Datasheet HTML 40Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 86 page
background image
CS5378
DS639F1
36
10. MODULATOR INTERFACE
The CS5378 performs digital filtering for a
∆Σ type
modulator. Signals from the
∆Σ modulators are
connected through the modulator data interface
(MDI).
10.1 Pin Descriptions
MCLK - Pin 11
Modulator clock output. Nominally 2.048 MHz or
1.024 MHz.
MSYNC - Pin 12
Modulator synchronization signal output. Generat-
ed from the SYNC input.
MDATA - Pin 13
Modulator data input, nominally 512 kbit/s.
MFLAG - Pin 14
Modulator flag input. Driven high when the mod-
ulator is unstable due to an analog over-range con-
dition.
10.2 Modulator Clock Generation
The MCLK output is a low-jitter, low-skew modu-
lator clock generated from the 32.768 MHz master
clock.
MCLK typically operates at 2.048 MHz unless an-
alog low-power modes require a 1.024 MHz mod-
ulator clock.
The MCLK rate is selected and the MCLK output
is enabled by bits in the digital filter CONFIG reg-
ister (0x00). By default MCLK is disabled and
driven low.
10.3 Modulator Synchronization
The MSYNC output signal follows an input to the
SYNC pin. MSYNC phase aligns the modulator
sampling instant to guarantee synchronous analog
sampling across a measurement network.
MSYNC is enabled by a bit in the CONFIG register
(0x00). By default SYNC inputs do not cause an
MSYNC output.
Figure 20. Modulator Data Interface
FIR
IIR
Filters
Filter
Output to High Speed Serial Interface
DC Offset
Correction
Output Rate 4000 SPS ~ 1 SPS
& Gain
MDATA
MFLAG
MDI Input
512 kHz
MCLK /
Generate
MSYNC
CLK
SYNC
MSYNC
SINC
Filter
MCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com