Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5378 Datasheet(PDF) 58 Page - Cirrus Logic

Part # CS5378
Description  Low-power Single-channel Decimation Filter
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5378 Datasheet(HTML) 58 Page - Cirrus Logic

Back Button CS5378 Datasheet HTML 54Page - Cirrus Logic CS5378 Datasheet HTML 55Page - Cirrus Logic CS5378 Datasheet HTML 56Page - Cirrus Logic CS5378 Datasheet HTML 57Page - Cirrus Logic CS5378 Datasheet HTML 58Page - Cirrus Logic CS5378 Datasheet HTML 59Page - Cirrus Logic CS5378 Datasheet HTML 60Page - Cirrus Logic CS5378 Datasheet HTML 61Page - Cirrus Logic CS5378 Datasheet HTML 62Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 86 page
background image
CS5378
DS639F1
58
16. SERIAL DATA INTERFACE
Once digital filtering is complete, each 24-bit out-
put sample is combined with an 8-bit status byte.
These data words are written to an 8-deep FIFO
buffer and then transmitted to the communications
channel through a high speed serial data interface.
16.1 Pin Descriptions
DRDY - Pin 23
Data ready output signal, active low. Open drain
output requiring an external pull-up resistor.
SCK - Pin 24
Serial clock input.
MISO - Pin 25
Serial data output.
16.2 Serial Data Format
Serial data transactions transfer either 24-bit data
words or 32-bit status+data words, depending on
the STAT bit in the CONFIG register. When trans-
mitting status information, each 8-bit status byte
has an MFLAG bit, a time break bit, and a FIFO
overflow bit encoded as shown in Figure 34.
MFLAG Bit - MFLAG
The MFLAG bit is set in the status byte when an
signal is received on the MFLAG pin. When re-
CS5378
Figure 33. Serial Data Interface Block Diagram
System Telemetry
MISO
DRDY
SCK
Data Ready
Data In
Clock Out
Data
Status
0
23
31
--
MFLAG
--
--
W
31
29
30
28
27
26
25
24
Figure 34. 32-bit Serial Data Format
TB
--
--
0 - Modulator Ok
1 - Modulator Error
0 - No Time Break
1 - Time Break
0 - FIFO Ok
1 - FIFO Overflow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com