Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5378 Datasheet(PDF) 67 Page - Cirrus Logic

Part # CS5378
Description  Low-power Single-channel Decimation Filter
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5378 Datasheet(HTML) 67 Page - Cirrus Logic

Back Button CS5378 Datasheet HTML 63Page - Cirrus Logic CS5378 Datasheet HTML 64Page - Cirrus Logic CS5378 Datasheet HTML 65Page - Cirrus Logic CS5378 Datasheet HTML 66Page - Cirrus Logic CS5378 Datasheet HTML 67Page - Cirrus Logic CS5378 Datasheet HTML 68Page - Cirrus Logic CS5378 Datasheet HTML 69Page - Cirrus Logic CS5378 Datasheet HTML 70Page - Cirrus Logic CS5378 Datasheet HTML 71Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 86 page
background image
CS5378
DS639F1
67
20.1.1
SPICTRL : 0x00, 0x01, 0x02
(MSB) 23
22
21
20
19
18
17
16
--
--
--
--
--
--
--
--
R/W
R/W1
R/W
R/W
R/W
R/W
R/W
R/W
00
001011
15
14
13
12
11
10
9
8
SMODF
----
EMOP
SWEF
----
E2DREQ
R
R/W
R
R
R
R/W
R/W
R/W
00
000010
76
54321
(LSB) 0
--
--
--
--
--
--
--
--
R/WR/W
R/WR/W
R/WR/W
R/WR/W
00
100000
SPI Address: 0x00
0x01
0x02
--
Not defined;
read as 0
RReadable
WWritable
R/W
Readable and
Writable
Bits in bottom rows
are reset condition
Bit definitions:
23:16 --
reserved
15
SMODF
SPI mode fault flag
7:0
--
reserved
14:13 --
reserved
12
EMOP
External master to SPI
operation in progress
flag
11
SWEF
SPI write collision error
flag
10:9
--
reserved
8
E2DREQ External master to digital
filter request flag
Figure 39. SPI Control Register SPICTRL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com