Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5378 Datasheet(PDF) 7 Page - Cirrus Logic

Part # CS5378
Description  Low-power Single-channel Decimation Filter
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5378 Datasheet(HTML) 7 Page - Cirrus Logic

Back Button CS5378 Datasheet HTML 3Page - Cirrus Logic CS5378 Datasheet HTML 4Page - Cirrus Logic CS5378 Datasheet HTML 5Page - Cirrus Logic CS5378 Datasheet HTML 6Page - Cirrus Logic CS5378 Datasheet HTML 7Page - Cirrus Logic CS5378 Datasheet HTML 8Page - Cirrus Logic CS5378 Datasheet HTML 9Page - Cirrus Logic CS5378 Datasheet HTML 10Page - Cirrus Logic CS5378 Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 86 page
background image
CS5378
DS639F1
7
DC offset.
-
Calibration engine for automatic calcula-
tion of offset correction factor.
1.2 Integrated Peripheral Features
•
Low jitter PLL to generate local clocks.
-
1.024 MHz, 2.048 MHz, 4.096 MHz stan-
dard clock or manchester encoded input.
•
Synchronous operation for simultaneous sam-
pling in multi-sensor systems.
-
MCLK / MSYNC output signals to syn-
chronize external components.
•
High speed serial data output.
-
Asynchronous operation to 4 MHz for di-
rect connection to system telemetry.
-
Internal 8-deep data FIFO for flexible out-
put timing.
-
Selectable 24-bit data only or 32-bit sta-
tus+data output.
•
Digital test bit stream signal generator suitable
for CS4373
∆Σ test DAC.
-
Sine wave output mode for testing total har-
monic distortion.
-
Impulse output mode for transfer function
characterization.
•
Time break controller to record system timing
information.
-
Dedicated TB status bit in the output data
stream.
-
Programmable output delay to match sys-
tem group delay.
•
8 General Purpose I/O (GPIO) pins for local
hardware control.
1.3 System Level Features
•
Flexible configuration options.
-
Configuration 'on-the-fly' via microcontrol-
ler or system telemetry.
-
Fixed configuration via stand-alone boot
EEPROM.
•
Low power consumption.
-
16 mW at 500 SPS OWR.
-
100
µW standby mode.
•
Flexible power supply configurations.
-
Separate digital logic core, telemetry I/O,
Figure 2. Digital Filtering Stages
Sinc Filter
2 - 64000
FIR1
4
FIR2
2
IIR1
IIR2
1st Order
2nd Order
Output to High Speed Serial Interface
DC Offset
Corrections
Output Word Rate from 4000 SPS ~ 1 SPS
Gain &
Modulator
512 kHz
Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com