Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5378 Datasheet(PDF) 60 Page - Cirrus Logic

Part # CS5378
Description  Low-power Single-channel Decimation Filter
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5378 Datasheet(HTML) 60 Page - Cirrus Logic

Back Button CS5378 Datasheet HTML 56Page - Cirrus Logic CS5378 Datasheet HTML 57Page - Cirrus Logic CS5378 Datasheet HTML 58Page - Cirrus Logic CS5378 Datasheet HTML 59Page - Cirrus Logic CS5378 Datasheet HTML 60Page - Cirrus Logic CS5378 Datasheet HTML 61Page - Cirrus Logic CS5378 Datasheet HTML 62Page - Cirrus Logic CS5378 Datasheet HTML 63Page - Cirrus Logic CS5378 Datasheet HTML 64Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 86 page
background image
CS5378
DS639F1
60
17. TEST BIT STREAM GENERATOR
The CS5378 test bit stream (TBS) generator creates
sine wave or impulse
∆Σ bit stream data to drive an
external test DAC. The TBS digital output can also
be internally connected to the MDATA inputs for
loopback testing of the digital filter.
17.1 Pin Descriptions
TBSDATA - Pin 8
Test bit stream 1-bit
∆Σ data output.
MCLK - Pin 11
Test bit stream clock output.
17.2 TBS Architecture
The test bit stream generator consists of a data in-
terpolator and a digital
∆Σ modulator. It receives
periodic 24-bit data from the digital filter to create
a 1-bit
∆Σ data output on the TBSDATA pin.
The TBS input data from the digital filter is scaled
by the TBSGAIN register (0x2B). Maximum sta-
ble amplitude is 0x04FFFF, with 0x04B000 ap-
proximately full scale for the CS4373 test DAC.
The full scale 1-bit
∆Σ output from the TBS gener-
ator is defined as 25% minimum and 75% maxi-
mum one’s density.
17.3 TBS Configuration
Configuration options for the TBS generator are set
through the TBSCFG register (0x2A). Gain scal-
ing of the TBS generator output is set by the TB-
SGAIN register (0x2B).
Interpolation Factor - INTP[7:0]
Selects how many times the interpolator uses a data
point when generating the output bit stream. Inter-
polation is zero based and represents one greater
than the programmed register value.
Operational Mode - TMODE
Selects between sine wave or impulse output mode.
Output Rate - RATE[2:0]
Selects the TBSDATA output rate.
Synchronization - TSYNC
Enables synchronization of the TBS output phase
to the MSYNC signal.
Loopback - LOOP
Enables digital loopback from the TBS output to
the MDATA inputs.
Digital
∆Σ Modulator
24-bit
1-bit
TBSDATA
Digital Filter
TBSGAIN Register
24-bit
Figure 36. Test Bit Stream Generator Block Diagram
Data Bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com