Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6983 Datasheet (PDF) - STMicroelectronics

L6983 Datasheet PDF - STMicroelectronics
Part # L6983
Download  L6983 Download
File Size   4988.5 Kbytes
Page   63 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 38 V, 3 A synchronous step-down converter with 17 μA quiescent current

L6983 Datasheet (PDF)

Go To PDF Page Download Datasheet
L6983 Datasheet PDF - STMicroelectronics

Part # L6983
Download  L6983 Click to download

File Size   4988.5 Kbytes
Page   63 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 38 V, 3 A synchronous step-down converter with 17 μA quiescent current

L6983 Datasheet (HTML) - STMicroelectronics


L6983 Product details

Description
The L6983 is an easy to use synchronous monolithic step-down regulator capable of delivering up to 3 A DC to the load. The wide input voltage range makes the device suitable for a broad range of applications. The L6983 is based on a peak current mode architecture and is packaged in a QFN16 3x3 with internal compensation thus minimizing design complexity and size. The L6983 is available both in low consumption mode (LCM) and low noise mode (LNM) versions. LCM maximizes the efficiency at light-load with controlled output voltage ripple so the device is suitable for battery-powered applications. LNM makes the switching frequency constant and minimizes the output voltage ripple for light load operations, meeting the specification for low noise sensitive applications. The L6983 allows the switching frequency to be selected in the 200 Hz - 2.2 MHz range with optional spread spectrum for improved EMC. Maturity status link L6983 38 V, 3 A synchronous step-down converter with 17 µA quiescent current L6983 Datasheet DS13116 - Rev 1 - October 2019 For further information contact your local STMicroelectronics sales office.

Features
■ 3.5 V to 38 V operating input voltage
■ Output voltage from 0.85 V to VIN
■ 3.3 V and 5 V fixed output voltage versions
■ 3 A DC output current
■ 17 μA operating quiescent current
■ Internal compensation network
■ Two different versions: LCM for high efficiency at light loads and LNM for noise sensitive applications
■ 2 μA shutdown current
■ Internal soft-start
■ Enable
■ Overvoltage protection
■ Output voltage sequencing

Applications
■ Designed for 24 V buses industrial power systems
■ 24 V battery powered equipment
■ Decentralized intelligent nodes
■ Sensors and always-on applications
■ Low noise applications




Similar Part No. - L6983

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6983C33QTR STMICROELECTRONICS-L6983C33QTR Datasheet
4Mb / 63P
38 V, 3 A synchronous step-down converter with 17 μA quiescent current
Apr-2020
L6983C50QTR STMICROELECTRONICS-L6983C50QTR Datasheet
4Mb / 63P
38 V, 3 A synchronous step-down converter with 17 μA quiescent current
Apr-2020
L6983CQTR STMICROELECTRONICS-L6983CQTR Datasheet
4Mb / 63P
38 V, 3 A synchronous step-down converter with 17 μA quiescent current
Apr-2020
L6983I STMICROELECTRONICS-L6983I Datasheet
17Mb / 56P
38 V, 10 W synchronous iso-buck converter for isolated applications
04-Oct-2022
L6983IQTR STMICROELECTRONICS-L6983IQTR Datasheet
17Mb / 56P
38 V, 10 W synchronous iso-buck converter for isolated applications
04-Oct-2022
More results


Similar Description - L6983

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62110 TI-TPS62110 Datasheet
960Kb / 28P
17-V, 1.5-A, SYNCHRONOUS STEP-DOWN CONVERTER
TPS62110-EP TI1-TPS62110-EP Datasheet
797Kb / 25P
17 V, 1.5 A, SYNCHRONOUS STEP-DOWN CONVERTER
TPS62110-HT TI1-TPS62110-HT Datasheet
700Kb / 25P
17-V, 1.5-A, SYNCHRONOUS STEP-DOWN CONVERTER
TPS62110-Q1 TI1-TPS62110-Q1 Datasheet
759Kb / 24P
17-V 1.5-A SYNCHRONOUS STEP-DOWN CONVERTER
TPS62110-EP TI1-TPS62110-EP_16 Datasheet
1,018Kb / 25P
17 V, 1.5 A, SYNCHRONOUS STEP-DOWN CONVERTER
logo
STMicroelectronics
L6986 STMICROELECTRONICS-L6986 Datasheet
5Mb / 68P
38 V, 2 A synchronous step-down switching regulator with 30 A quiescent current
16-Aug-2016
L6983 STMICROELECTRONICS-L6983_V01 Datasheet
4Mb / 63P
38 V, 3 A synchronous step-down converter with 17 μA quiescent current
Apr-2020
L6986H STMICROELECTRONICS-L6986H Datasheet
17Mb / 68P
38 V, 2 A synchronous step-down switching regulator with 30 μA quiescent current
Feb-2020
L6981 STMICROELECTRONICS-L6981 Datasheet
3Mb / 49P
38 V, 1.5 A synchronous step-down converter with low quiescent current
15-Jan-2020
L6982 STMICROELECTRONICS-L6982 Datasheet
2Mb / 48P
38 V, 2 A synchronous step-down converter with low quiescent current
Rev 1
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com