Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6983I Datasheet (PDF) - STMicroelectronics

L6983I Datasheet PDF - STMicroelectronics
Part # L6983I
Download  L6983I Download
File Size   18220.77 Kbytes
Page   56 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 38 V, 10 W synchronous iso-buck converter for isolated applications

L6983I Datasheet (PDF)

Go To PDF Page Download Datasheet
L6983I Datasheet PDF - STMicroelectronics

Part # L6983I
Download  L6983I Click to download

File Size   18220.77 Kbytes
Page   56 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 38 V, 10 W synchronous iso-buck converter for isolated applications

L6983I Datasheet (HTML) - STMicroelectronics


L6983I Product details

Features
Designed for iso-buck topology
3.5 V to 38 V operating input voltage
Primary output voltage regulation / no optocoupler required
4.5 A source / sink peak primary current capability
Peak current mode architecture in forced PWM operation
390 ns blanking time
200 kHz to 1 MHz programmable switching frequency. Stable with low ESR
capacitor: min 2 μF
Internal compensation network
2 μA shutdown current
Internal soft-start
Enable
Overvoltage protection
Output voltage sequencing
Thermal protection
Optional spread spectrum for improved EMC
Power Good
Synchronization to external clock
QFN16 (3x3 mm) package

Applications
Isolated IGBT/SiC MOSFET gate drive supply
OBC (On-board charger) for HEV/EV
Electric traction systems

Description
The L6983I is a device specifically designed for isolated buck topology. The primary
output voltage can be accurately adjusted, whereas the isolated secondary output is
derived by using a given transformer ratio. No optocoupler is required. The primary
sink capability up to -4.5 A (even during soft-start) allows a proper energy transfer
to the secondary side as well as enabling a tracked soft-start of the secondary
output. The control loop is based on a peak current mode architecture and the device
operates in forced PWM. The 390 ns blanking time filters oscillations, generated by
the transformer leakage inductance, making the solution more robust.
The compact QFN16 3x3 mm package and the internal compensation of the L6983I
help minimize design complexity and size.
The switching frequency can be programmed in the 200 kHz - 1 MHz range with
optional spread spectrum for improved EMC. The EN pin provides enable/disable
functionality.
The typical shutdown current is 2 μA when disabled. As soon as the EN pin is pulled
up the device is enabled and the internal 1.3 ms soft-start takes place. The L6983I
features Power Good open collector that monitors the FB voltage. Pulse by pulse
current sensing on both power elements implements an effective constant current
protection and thermal shutdown prevents thermal run-away.




Similar Part No. - L6983I

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6983 STMICROELECTRONICS-L6983 Datasheet
4Mb / 63P
38 V, 3 A synchronous step-down converter with 17 μA quiescent current
Rev 1 - October 2019
L6983C33QTR STMICROELECTRONICS-L6983C33QTR Datasheet
4Mb / 63P
38 V, 3 A synchronous step-down converter with 17 μA quiescent current
Rev 1 - October 2019
L6983C33QTR STMICROELECTRONICS-L6983C33QTR Datasheet
4Mb / 63P
38 V, 3 A synchronous step-down converter with 17 μA quiescent current
Apr-2020
L6983C50QTR STMICROELECTRONICS-L6983C50QTR Datasheet
4Mb / 63P
38 V, 3 A synchronous step-down converter with 17 μA quiescent current
Rev 1 - October 2019
L6983C50QTR STMICROELECTRONICS-L6983C50QTR Datasheet
4Mb / 63P
38 V, 3 A synchronous step-down converter with 17 μA quiescent current
Apr-2020
More results


Similar Description - L6983I

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3444 LINER-LTC3444 Datasheet
209Kb / 20P
Micropower Synchronous Buck-Boost DC/DC Converter for WCDMA Applications
logo
ON Semiconductor
CS51312 ONSEMI-CS51312 Datasheet
552Kb / 22P
Synchronous CPU Buck Controller for 12 V Only Applications
July, 2006 ??Rev. 3
logo
Linear Technology
LTC3444 LINER-LTC3444_15 Datasheet
214Kb / 20P
Micropower Synchronous Buck-Boost DC/DC Converter for WCDMA Applications
logo
NXP Semiconductors
AN10876 PHILIPS-AN10876_15 Datasheet
808Kb / 29P
Buck converter for SSL applications
Rev. 2-23 June 2011
logo
STMicroelectronics
A6986I STMICROELECTRONICS-A6986I Datasheet
6Mb / 62P
Automotive 38 V, 5 W synchronous iso-buck converter for isolated applications
Rev 2
L6986I STMICROELECTRONICS-L6986I Datasheet
5Mb / 60P
38 V, 5 W synchronous iso-buck converter for isolated applications
Rev 1
STEVAL-A6986IV1 STMICROELECTRONICS-STEVAL-A6986IV1 Datasheet
1Mb / 5P
38 V, 5 W synchronous iso-buck converter evaluation board with dual isolated output based on the A6986I
08-Mar-2021
STEVAL-A6986IV2 STMICROELECTRONICS-STEVAL-A6986IV2 Datasheet
1Mb / 5P
38 V, 5 W synchronous iso-buck converter evaluation board with single isolated output based on the A6986I
08-Mar-2021
logo
Bel Fuse Inc.
RFT-10Y BEL-RFT-10Y Datasheet
1Mb / 10P
10 W Isolated DC-DC Converter
16 December 2022
logo
STMicroelectronics
L6986I STMICROELECTRONICS-L6986I_V01 Datasheet
5Mb / 60P
38 V, 5 W synchronous iso-buck converter for isolated applications
26-Mar-2021
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com