Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6983 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6983
Description  38 V, 3 A synchronous step-down converter with 17 μA quiescent current
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6983 Datasheet(HTML) 1 Page - STMicroelectronics

  L6983 Datasheet HTML 1Page - STMicroelectronics L6983 Datasheet HTML 2Page - STMicroelectronics L6983 Datasheet HTML 3Page - STMicroelectronics L6983 Datasheet HTML 4Page - STMicroelectronics L6983 Datasheet HTML 5Page - STMicroelectronics L6983 Datasheet HTML 6Page - STMicroelectronics L6983 Datasheet HTML 7Page - STMicroelectronics L6983 Datasheet HTML 8Page - STMicroelectronics L6983 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 63 page
background image
QFN16 (3 x 3 mm)
Features
3.5 V to 38 V operating input voltage
Output voltage from 0.85 V to VIN
3.3 V and 5 V fixed output voltage versions
3 A DC output current
17 μA operating quiescent current
Internal compensation network
Two different versions: LCM for high efficiency at light loads and LNM for noise
sensitive applications
2 μA shutdown current
Internal soft-start
Enable
Overvoltage protection
Output voltage sequencing
Thermal protection
200 kHz to 2.2 MHz programmable switching frequency. Stable with low ESR
capacitor
Optional spread spectrum for improved EMC
Power Good
Synchronization to external clock for LNM devices
QFN16 package
Applications
Designed for 24 V buses industrial power systems
24 V battery powered equipment
Decentralized intelligent nodes
Sensors and always-on applications
Low noise applications
Description
The L6983 is an easy to use synchronous monolithic step-down regulator capable of
delivering up to 3 A DC to the load. The wide input voltage range makes the device
suitable for a broad range of applications. The L6983 is based on a peak current
mode architecture and is packaged in a QFN16 3x3 with internal compensation thus
minimizing design complexity and size.
The L6983 is available both in low consumption mode (LCM) and low noise mode
(LNM) versions. LCM maximizes the efficiency at light-load with controlled output
voltage ripple so the device is suitable for battery-powered applications. LNM makes
the switching frequency constant and minimizes the output voltage ripple for light
load operations, meeting the specification for low noise sensitive applications. The
L6983 allows the switching frequency to be selected in the 200 Hz - 2.2 MHz range
with optional spread spectrum for improved EMC.
Maturity status link
L6983
38 V, 3 A synchronous step-down converter with 17 µA quiescent current
L6983
Datasheet
DS13116 - Rev 1 - October 2019
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - L6983

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6983C33QTR STMICROELECTRONICS-L6983C33QTR Datasheet
4Mb / 63P
38 V, 3 A synchronous step-down converter with 17 μA quiescent current
Apr-2020
L6983C50QTR STMICROELECTRONICS-L6983C50QTR Datasheet
4Mb / 63P
38 V, 3 A synchronous step-down converter with 17 μA quiescent current
Apr-2020
L6983CQTR STMICROELECTRONICS-L6983CQTR Datasheet
4Mb / 63P
38 V, 3 A synchronous step-down converter with 17 μA quiescent current
Apr-2020
L6983I STMICROELECTRONICS-L6983I Datasheet
17Mb / 56P
38 V, 10 W synchronous iso-buck converter for isolated applications
04-Oct-2022
L6983IQTR STMICROELECTRONICS-L6983IQTR Datasheet
17Mb / 56P
38 V, 10 W synchronous iso-buck converter for isolated applications
04-Oct-2022
More results

Similar Description - L6983

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62110 TI-TPS62110 Datasheet
960Kb / 28P
17-V, 1.5-A, SYNCHRONOUS STEP-DOWN CONVERTER
TPS62110-EP TI1-TPS62110-EP Datasheet
797Kb / 25P
17 V, 1.5 A, SYNCHRONOUS STEP-DOWN CONVERTER
TPS62110-HT TI1-TPS62110-HT Datasheet
700Kb / 25P
17-V, 1.5-A, SYNCHRONOUS STEP-DOWN CONVERTER
TPS62110-Q1 TI1-TPS62110-Q1 Datasheet
759Kb / 24P
17-V 1.5-A SYNCHRONOUS STEP-DOWN CONVERTER
TPS62110-EP TI1-TPS62110-EP_16 Datasheet
1,018Kb / 25P
17 V, 1.5 A, SYNCHRONOUS STEP-DOWN CONVERTER
logo
STMicroelectronics
L6986 STMICROELECTRONICS-L6986 Datasheet
5Mb / 68P
38 V, 2 A synchronous step-down switching regulator with 30 A quiescent current
16-Aug-2016
L6983 STMICROELECTRONICS-L6983_V01 Datasheet
4Mb / 63P
38 V, 3 A synchronous step-down converter with 17 μA quiescent current
Apr-2020
L6986H STMICROELECTRONICS-L6986H Datasheet
17Mb / 68P
38 V, 2 A synchronous step-down switching regulator with 30 μA quiescent current
Feb-2020
L6981 STMICROELECTRONICS-L6981 Datasheet
3Mb / 49P
38 V, 1.5 A synchronous step-down converter with low quiescent current
15-Jan-2020
L6982 STMICROELECTRONICS-L6982 Datasheet
2Mb / 48P
38 V, 2 A synchronous step-down converter with low quiescent current
Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com