Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6983 Datasheet(PDF) 55 Page - STMicroelectronics

Part # L6983
Description  38 V, 3 A synchronous step-down converter with 17 μA quiescent current
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6983 Datasheet(HTML) 55 Page - STMicroelectronics

Back Button L6983 Datasheet HTML 51Page - STMicroelectronics L6983 Datasheet HTML 52Page - STMicroelectronics L6983 Datasheet HTML 53Page - STMicroelectronics L6983 Datasheet HTML 54Page - STMicroelectronics L6983 Datasheet HTML 55Page - STMicroelectronics L6983 Datasheet HTML 56Page - STMicroelectronics L6983 Datasheet HTML 57Page - STMicroelectronics L6983 Datasheet HTML 58Page - STMicroelectronics L6983 Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 63 page
background image
Table 11. QFN16 (3x3 mm) mechanical data
Dim.
mm
Min.
Typ.
Max.
A
0.7
0.75
0.8
A1
0
0.02
0.05
A3
0.203 Ref.
b
0.18
0.25
0.3
D
3.00 BSC
E
3.00 BSC
e
0.50 BSC
D2
0.43
0.48
0.53
E2
0.81
0.86
0.91
L
0.35
0.4
0.45
K
0.84
K1
0.5
K2
0.86
N
16
ND
4
NE
4
aaa
0.05
bbb
0.1
ccc
0.05
ddd
0.05
eee
0.05
Figure 59. QFN16 (3x3 mm) recommended footprint
0.85
0.43
0.90
0.77
0.80
0.50
0.50
0.30
L6983
QFN16 (3x3 mm) package information
DS13116 - Rev 1
page 55/63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com