Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6983 Datasheet(PDF) 26 Page - STMicroelectronics

Part # L6983
Description  38 V, 3 A synchronous step-down converter with 17 μA quiescent current
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6983 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button L6983 Datasheet HTML 22Page - STMicroelectronics L6983 Datasheet HTML 23Page - STMicroelectronics L6983 Datasheet HTML 24Page - STMicroelectronics L6983 Datasheet HTML 25Page - STMicroelectronics L6983 Datasheet HTML 26Page - STMicroelectronics L6983 Datasheet HTML 27Page - STMicroelectronics L6983 Datasheet HTML 28Page - STMicroelectronics L6983 Datasheet HTML 29Page - STMicroelectronics L6983 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 63 page
background image
7
Closing the loop
The following picture shows the typical compensation network required to stabilize the system.
Figure 23. Block diagram of the loop
FB
VREF
R1
R2
RLOAD
L
COUT
HS
switch
LS
switch
RC
CC
LC
filter
Resistor divider
Error amplifier
Compensation
network
PWM comparator
PWM control
Current sense
IHS/gCS
VIN
7.1
GCO(s) control to output transfer function
The accurate control to output transfer function for a buck peak current mode converter can be written as follows:
GCOs =RLOAD∙gCS∙
1
1+RLOAD∙TSW
L ∙ mC∙ 1−D −0.5 ∙
1+ sωZ1+sωP∙FHs
(10)
Where RLOAD represents the load resistance, the gCS equivalent sensing trans-conductance of the current sense
circuitry, ωP the single pole introduced by the power stage and the ωZ zero given by the ESR of the output
capacitor. FH(s) accounts the sampling effect performed by the PWM comparator on the output of the error
amplifier that introduces a double pole at one half of the switching frequency.
ωZ= 1ESR∙COUT
(11)
ωP= 1
RLOAD∙COUT+mC∙ 1−D −0.5
L∙COUT∙fSW
(12)
where:
mC=1+SeSn
Se=ISLOPE∙fSW
Sn=VIN−VOUT
L
(13)
Where ISLOPE is equal to 1 A.
Sn represents the on-time slope of the sensed inductor current, Se the on-time slope of the external ramp that
implements the slope compensation to avoid sub-harmonic oscillations at duty cycle over 50%.
The sampling effect contribution FH (s) is:
L6983
Closing the loop
DS13116 - Rev 1
page 26/63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com