Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6983 Datasheet(PDF) 51 Page - STMicroelectronics

Part # L6983
Description  38 V, 3 A synchronous step-down converter with 17 μA quiescent current
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6983 Datasheet(HTML) 51 Page - STMicroelectronics

Back Button L6983 Datasheet HTML 47Page - STMicroelectronics L6983 Datasheet HTML 48Page - STMicroelectronics L6983 Datasheet HTML 49Page - STMicroelectronics L6983 Datasheet HTML 50Page - STMicroelectronics L6983 Datasheet HTML 51Page - STMicroelectronics L6983 Datasheet HTML 52Page - STMicroelectronics L6983 Datasheet HTML 53Page - STMicroelectronics L6983 Datasheet HTML 54Page - STMicroelectronics L6983 Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 63 page
background image
11
Thermal dissipation
The thermal design is important in order to prevents thermal shutdown of the device if junction temperature goes
above 165 °C. The three different sources of losses within the device are:
1.
Conduction losses due to the on-resistance of high-side switch (RDSON_HS) and low-side switch (RDSON_LS);
these are equal to:
PCOND=RDSON_HS∙IOUT2∙D+RDSON_LS∙IOUT2∙ 1−D
(49)
where D is the duty cycle of the selected application and is given by the following formula:
D= VOUT+ RDSON_LS+DCRl ∙IOUT
VIN− RDSONHS−RDSON_LS ∙IOUT
(50)
In order to obtain a more accurate extimation it is necessary to keep into account that the amount of resistance of
the internal power MOSFET increases together with the temperature. For this reason, the value of RDSONHS and
RDSONLS, should be increased from the typical of a factor equal to 15%.
1.
Switching losses due to high-side power MOSFET turn-ON and OFF; these can be calculated as per below:
PSW=VIN∙IOUT∙ TRISE+TFALL
2 FSW=VIN∙IOUT∙TSW∙FSW
(51)
where TRISE and TFALL are the overlap times of the voltage across the high side power switch (VDS) and the
current flowing into it during turn-ON and turn-OFF phases, as shown in Figure 57. Switching losses.
TSW is the equivalent switching time. For this device the typical value for the equivalent switching time is 20 ns.
1.
Quiescent current losses, calculated as the equation below:
PQ=VIN∙IQ,MAX
(52)
where IQ is the quiescent current and depends on the VBIAS connections. If VBIAS is connected to GND, the
maximum is equal to 3 mA. Otherwise if VBIAS is connected to VOUT the quiescent current is given by:
IQ,MAX=0.8mA+ 1ηL6983∙VBIASVIN∙2.3mA
(53)
The power losses are given by:
PLOSS=PCOND+PSW+PQ
(54)
The junction temperature TJ can be calculated as:
TJ=TA+RtℎJA∙PLOSS
(55)
where TA is the ambient temperature. RthJA is the equivalent thermal resistance junction to ambient of the device;
it can be calculated as the parallel of many paths of heat conduction from the junctions to the ambient. For this
device the path through the exposed pad is the one conducting the largest amount of heat. The RthJA measured
on the demonstration board described in the following section is about 30 °C/W.
L6983
Thermal dissipation
DS13116 - Rev 1
page 51/63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com