Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6983 Datasheet(PDF) 11 Page - STMicroelectronics

Part # L6983
Description  38 V, 3 A synchronous step-down converter with 17 μA quiescent current
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6983 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L6983 Datasheet HTML 7Page - STMicroelectronics L6983 Datasheet HTML 8Page - STMicroelectronics L6983 Datasheet HTML 9Page - STMicroelectronics L6983 Datasheet HTML 10Page - STMicroelectronics L6983 Datasheet HTML 11Page - STMicroelectronics L6983 Datasheet HTML 12Page - STMicroelectronics L6983 Datasheet HTML 13Page - STMicroelectronics L6983 Datasheet HTML 14Page - STMicroelectronics L6983 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 63 page
background image
6
Functional description
The L6983 device is based on a “peak current mode" architecture with constant frequency control. Therefore, the
intersection between the error amplifier output and the sensed inductor current generates the PWM control signal
to drive the power switch.
The device features LNM (low noise mode) that is forced PWM control, or LCM (low consumption mode) to
increase the efficiency at light-load on the selected part number.
The main internal blocks shown in the block diagram in Figure 1. Block diagram and Figure 2. Pin connection (top
through view) are:
Embedded power elements
A fully integrated adjustable oscillator which is able to set eight different switching frequencies from 200 to
2200 kHz
The ramp for the slope compensation avoiding subharmonic instability
A transconductance error amplifier with integrated compensation network
The high-side current sense amplifier to sense the inductor current
A “Pulse Width Modulator” (PWM) comparator and the driving circuitry of the embedded power elements
The soft-start block ramps up the reference voltage on error amplifier thus decreasing the inrush current at
power-up. The EN pin inhibits the device when driven low
The EN/CLK pin section, which, for LNM versions, allows synchronizing the device to an external clock
generator
The pulse-by-pulse high-side / low-side switch current sensing to implement the constant current protection
A circuit to implement the thermal protection function
The OVP circuitry to discharge the output capacitor in case of overvoltage event
The switchover capability of the internal regulator to supply a portion of the quiescent current when the
VBIAS pin is connected to an external output voltage
Enable/ disable dithering operation
6.1
Enable
The EN pin is a digital input that turns the device on or off.
In order to maximize both the EN threshold accuracy and the current consumption, the device implements two
different thresholds:
1.
The wake-up threshold, VWAKE_UP = 0.5 V (see Table 6. Electrical characteristics)
2.
The start-up threshold, VEN = 1.2 V (see Table 6. Electrical characteristics)
The following picture shows the device behavior.
L6983
Functional description
DS13116 - Rev 1
page 11/63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com