Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6983 Datasheet(PDF) 62 Page - STMicroelectronics

Part # L6983
Description  38 V, 3 A synchronous step-down converter with 17 μA quiescent current
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6983 Datasheet(HTML) 62 Page - STMicroelectronics

Back Button L6983 Datasheet HTML 55Page - STMicroelectronics L6983 Datasheet HTML 56Page - STMicroelectronics L6983 Datasheet HTML 57Page - STMicroelectronics L6983 Datasheet HTML 58Page - STMicroelectronics L6983 Datasheet HTML 59Page - STMicroelectronics L6983 Datasheet HTML 60Page - STMicroelectronics L6983 Datasheet HTML 61Page - STMicroelectronics L6983 Datasheet HTML 62Page - STMicroelectronics L6983 Datasheet HTML 63Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 62 / 63 page
background image
Figure 50.
Power losses VIN = 12 V; VOUT = 3.3 V; FSW = 1.0 MHZ ...................................... 47
Figure 51.
. Efficiency VIN = 24 V; VOUT = 5 V; FSW = 1.0 MHZ.......................................... 48
Figure 52.
Efficiency VIN = 24 V; VOUT = 5.0 V; FSW = 1.0 MHZ (log scale) ................................. 48
Figure 53.
Power losses VIN = 24 V; VOUT = 5.0 V; FSW = 1.0 MHZ ...................................... 48
Figure 54.
Efficiency VIN = 12 V; VOUT = 5.0 V; FSW = 1.0 MHZ ......................................... 49
Figure 55.
Efficiency VIN = 12 V; VOUT = 5.0 V; FSW = 1.0 MHZ (log scale) ................................. 50
Figure 56.
Power losses VIN = 12 V; VOUT = 5.0 V; FSW = 1.0 MHZ ...................................... 50
Figure 57.
Switching losses .................................................................. 52
Figure 58.
QFN16 (3x3 mm) package outline ...................................................... 54
Figure 59.
QFN16 (3x3 mm) recommended footprint ................................................ 55
L6983
List of figures
DS13116 - Rev 1
page 62/63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com