Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6983 Datasheet(PDF) 20 Page - STMicroelectronics

Part # L6983
Description  38 V, 3 A synchronous step-down converter with 17 μA quiescent current
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6983 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L6983 Datasheet HTML 16Page - STMicroelectronics L6983 Datasheet HTML 17Page - STMicroelectronics L6983 Datasheet HTML 18Page - STMicroelectronics L6983 Datasheet HTML 19Page - STMicroelectronics L6983 Datasheet HTML 20Page - STMicroelectronics L6983 Datasheet HTML 21Page - STMicroelectronics L6983 Datasheet HTML 22Page - STMicroelectronics L6983 Datasheet HTML 23Page - STMicroelectronics L6983 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 63 page
background image
6.4.4
Load regulation for low consumption mode and Low noise mode part number
Figure 16. Load regulation for LCM and LNM. VIN = 24 V; VOUT = 5 V; FSW = 400 kHz - linear scale and
Figure 17. Load regulation for low noise mode. VIN = 24 V; VOUT = 5 V; FSW = 400 kHz - log scale report the load
regulation to highlight the gap, given by the different regulation strategy, at the light-load between LNM and LCM
part numbers. When the required IOUT is higher than the threshold defined on the Section 6.4.1 Low
consumption mode (LCM) the behavior of the different part number is exactly the same.
Figure 16. Load regulation for LCM and LNM. VIN = 24 V; VOUT = 5 V; FSW = 400 kHz - linear scale
-0.5
0
0.5
1
1.5
2
0
0.5
1
1.5
2
2.5
3
IOUT [A]
VIN = 24 V ; VOUT = 5 V; FSW = 0.4 MHz
LCM
LNM
Figure 17. Load regulation for low noise mode. VIN = 24 V; VOUT = 5 V; FSW = 400 kHz - log scale
-0.5
0
0.5
1
1.5
2
0.001
0.01
0.1
1
IOUT [A]
VIN = 24 V; VOUT = 5 V; FSW = 0.4 MHz
LCM
LNM
L6983
Light-load operation
DS13116 - Rev 1
page 20/63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com