Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6983 Datasheet(PDF) 13 Page - STMicroelectronics

Part # L6983
Description  38 V, 3 A synchronous step-down converter with 17 μA quiescent current
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6983 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L6983 Datasheet HTML 9Page - STMicroelectronics L6983 Datasheet HTML 10Page - STMicroelectronics L6983 Datasheet HTML 11Page - STMicroelectronics L6983 Datasheet HTML 12Page - STMicroelectronics L6983 Datasheet HTML 13Page - STMicroelectronics L6983 Datasheet HTML 14Page - STMicroelectronics L6983 Datasheet HTML 15Page - STMicroelectronics L6983 Datasheet HTML 16Page - STMicroelectronics L6983 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 63 page
background image
Figure 5. Soft-start procedure
During the normal operation, a new soft-start cycle takes place in case of:
1.
Thermal shutdown event
2.
UVLO event
3.
EN pin rising over VEN threshold. Please refer to Table 6. Electrical characteristics
Figure 6. Soft-start phase with IOUT = 2.5 A
6.3
Undervoltage lockout
The device implements the undervoltage lockout (UVLO) continuously sensing the voltage on the VCC pin, if the
UVLO lasts more than 10 μs, the internal logic resets the device by turning off both LS and HS.
After the reset, if the EN pin is still high, the device repeats the soft-start procedure.
L6983
Undervoltage lockout
DS13116 - Rev 1
page 13/63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com