Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6983 Datasheet(PDF) 59 Page - STMicroelectronics

Part # L6983
Description  38 V, 3 A synchronous step-down converter with 17 μA quiescent current
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6983 Datasheet(HTML) 59 Page - STMicroelectronics

Back Button L6983 Datasheet HTML 55Page - STMicroelectronics L6983 Datasheet HTML 56Page - STMicroelectronics L6983 Datasheet HTML 57Page - STMicroelectronics L6983 Datasheet HTML 58Page - STMicroelectronics L6983 Datasheet HTML 59Page - STMicroelectronics L6983 Datasheet HTML 60Page - STMicroelectronics L6983 Datasheet HTML 61Page - STMicroelectronics L6983 Datasheet HTML 62Page - STMicroelectronics L6983 Datasheet HTML 63Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 59 / 63 page
background image
8.2
External synchronization (available for low noise mode only) ......................... 29
8.3
Output voltage adjustment ...................................................... 30
8.4
Switching frequency ........................................................... 31
8.5
Design of the power components ................................................ 31
8.5.1
Input capacitor selection .................................................. 31
8.5.2
Inductor selection ....................................................... 32
8.5.3
Output capacitor selection................................................. 33
9
Application board.................................................................34
10
Efficiency curves .................................................................37
11
Thermal dissipation...............................................................51
12
Package information..............................................................53
12.1
DFN6 (3x3) package information ................................................ 54
13
Ordering information .............................................................56
Revision history .......................................................................57
L6983
Contents
DS13116 - Rev 1
page 59/63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com