Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6983 Datasheet(PDF) 12 Page - STMicroelectronics

Part # L6983
Description  38 V, 3 A synchronous step-down converter with 17 μA quiescent current
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6983 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L6983 Datasheet HTML 8Page - STMicroelectronics L6983 Datasheet HTML 9Page - STMicroelectronics L6983 Datasheet HTML 10Page - STMicroelectronics L6983 Datasheet HTML 11Page - STMicroelectronics L6983 Datasheet HTML 12Page - STMicroelectronics L6983 Datasheet HTML 13Page - STMicroelectronics L6983 Datasheet HTML 14Page - STMicroelectronics L6983 Datasheet HTML 15Page - STMicroelectronics L6983 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 63 page
background image
Figure 4. Power-up/down behavior
When the voltage applied on the EN pin rises over VWAKEUP, RISING, the device powers up the internal circuit thus
increasing the current consumption.
As soon as the voltage rises over the VEN, RISING, the device starts the switching activities as described on
Section 6.2 Soft-start.
Once the voltage becomes lower than VEN, FALLING, the device interrupts the switching activities.
As soon as the voltage becomes lower than VWAKEUP.FALLING, the device powers down the internal circuit
reducing the current consumption.
The pin is VIN compatible.
Please refer to Table 6. Electrical characteristics for the reported thresholds.
6.2
Soft-start
The soft-start (SS) limits the inrush current surge and makes the output voltage increase monotonically.
The device implements the soft-start phase ramping the internal reference with very small steps. Once the SS
ends the error amplifier reference is switched to the internal value of 0.85 V coming directly from the band gap
cell.
L6983
Soft-start
DS13116 - Rev 1
page 12/63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com