Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6983 Datasheet(PDF) 24 Page - STMicroelectronics

Part # L6983
Description  38 V, 3 A synchronous step-down converter with 17 μA quiescent current
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6983 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button L6983 Datasheet HTML 20Page - STMicroelectronics L6983 Datasheet HTML 21Page - STMicroelectronics L6983 Datasheet HTML 22Page - STMicroelectronics L6983 Datasheet HTML 23Page - STMicroelectronics L6983 Datasheet HTML 24Page - STMicroelectronics L6983 Datasheet HTML 25Page - STMicroelectronics L6983 Datasheet HTML 26Page - STMicroelectronics L6983 Datasheet HTML 27Page - STMicroelectronics L6983 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 63 page
background image
Figure 21. Over current procedure with persistent short circuit between VOUT and GND
6.9
Thermal shutdown
The shutdown block disables the switching activity if the junction temperature is higher than a fixed internal
threshold (TSHDWN refer to Table 6. Electrical characteristics). The thermal sensing element is close to the power
elements, assuring fast and accurate temperature detection. A hysteresis of approximately 30 °C prevents the
device from turning ON and OFF too fast. After a thermal protection event is expired, the L6983 restarts with a
new soft-start.
6.10
Power Good
The PGOOD pin indicates whether the output voltage is within its regulation level. The pin output is an open drain
MOSFET. The PG is pulled low when:
1.
The FB pin voltage is lower than 90% (typ.) of the nominal internal reference for more than 10 µs
2.
The FB pin voltage is higher than 120% (typ.) of the nominal internal reference for more than 10 µs (see
Section 6.7 Overvoltage protection)
3.
During the soft-start procedure also with pre-charged VOUT
4.
If a thermal shutdown event occurs
5.
If a UVLO event occurs
The PG pin is VIN compatible.
L6983
Thermal shutdown
DS13116 - Rev 1
page 24/63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com