Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6983 Datasheet(PDF) 14 Page - STMicroelectronics

Part # L6983
Description  38 V, 3 A synchronous step-down converter with 17 μA quiescent current
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6983 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L6983 Datasheet HTML 10Page - STMicroelectronics L6983 Datasheet HTML 11Page - STMicroelectronics L6983 Datasheet HTML 12Page - STMicroelectronics L6983 Datasheet HTML 13Page - STMicroelectronics L6983 Datasheet HTML 14Page - STMicroelectronics L6983 Datasheet HTML 15Page - STMicroelectronics L6983 Datasheet HTML 16Page - STMicroelectronics L6983 Datasheet HTML 17Page - STMicroelectronics L6983 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 63 page
background image
6.4
Light-load operation
The L6983 implements two different light load strategies:
1.
Low consumption mode (LCM)
2.
Low noise mode (LNM)
Please refer to Table 12. Order codes to select the part number with the preferred light load strategy.
6.4.1
Low consumption mode (LCM)
The LCM maximizes the efficiency at light load.
When the switch peak current request is lower than the ISKIP threshold (see Table 6. Electrical characteristics),
the device regulates VOUT by the skip threshold. The minimum voltage is given by:
VOUT, LCM= VFB, LCM∙RPH+RPL
RPL
(1)
Where VFB, LCM is 1.8% (typ.) higher than VFB.
The device interrupts the switching activities when two conditions happen together:
1.
The peak inductor current required is lower than ISKIP
2.
The voltage on the FB pin is higher than VFB, LCM
Figure 7. Light load operation
VCOMP
VCOMP,MIN
VSW
t
VFB
VFB
VFB, LCM
IL
ISKIP
t
t
t
A new switching cycle takes place once the voltage on the FB pin becomes lower than VFB,LCM.
The HS switch is kept on until the inductor current reaches ISKIP.
Once the current on the HS reaches the defined value, the device turns the HS off and turns the LS on. The LS is
kept enabled until one of the following conditions occurs:
1) The inductor current sensed by the LS becomes equal to zero
2) The switching period ends up
If, at the end of the switching cycle, the voltage on the FB pin rises over the VFB,LCM threshold, the LS is kept
enabled until the inductor current becomes equal to zero. Otherwise, the device turns on again the HS and starts
a new switching pulse.
During the burst pulse, if the energy transferred to COUT increases the VFB level over the threshold defined on
Eq. (1), the device interrupts the switching activities. The new cycle takes place only when VFB becomes lower
than the defined threshold. Otherwise, as soon as the LS is turned off the HS is turned on.
Given the energy stored in the inductor during a burst, the voltage ripple depends on the capacitor value:
VOUT RIPPLE= ∆QILCOUT=∫0TBURSTILtdt
COUT
(2)
L6983
Light-load operation
DS13116 - Rev 1
page 14/63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com