Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL2001 Datasheet (PDF) - Intersil Corporation

EL2001 Datasheet PDF - Intersil Corporation
Part # EL2001
Download  EL2001 Download
File Size   222.12 Kbytes
Page   6 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Low Power, 70MHz Buffer Amplifier

EL2001 Datasheet (PDF)

Go To PDF Page Download Datasheet
EL2001 Datasheet PDF - Intersil Corporation

Part # EL2001
Download  EL2001 Click to download

File Size   222.12 Kbytes
Page   6 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Low Power, 70MHz Buffer Amplifier

EL2001 Datasheet (HTML) - Intersil Corporation


EL2001 Product details

The EL2001 is a low cost monolithic,high slew rate, buffer amplifier. Built using the Elantec monolithic Complementary Bipolar process,this patented buffer has a -3dB bandwidth of 70MHz, and delivers 100mA, yet draws only 1.3mA of supply current. It typically operates from ±15V power supplies but will work with as little as ±5V.



Features

• 1.3mA supply current

• 70MHz bandwidth

• 2000V/µs slew rate

• Low bias current, 1µA typical

• 100mA output current

• Short circuit protected

• Low cost

• Stable with capacitive loads

• Wide supply range ±5V to ±15V

• No thermal runaway




Similar Part No. - EL2001

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2001ACN ELANTEC-EL2001ACN Datasheet
278Kb / 12P
Low Power, 70 MHz Buffer Amplifier
EL2001C ELANTEC-EL2001C Datasheet
278Kb / 12P
Low Power, 70 MHz Buffer Amplifier
EL2001CM ELANTEC-EL2001CM Datasheet
278Kb / 12P
Low Power, 70 MHz Buffer Amplifier
EL2001CN ELANTEC-EL2001CN Datasheet
278Kb / 12P
Low Power, 70 MHz Buffer Amplifier
More results


Similar Description - EL2001

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2001C ELANTEC-EL2001C Datasheet
278Kb / 12P
Low Power, 70 MHz Buffer Amplifier
EL2002C ELANTEC-EL2002C Datasheet
302Kb / 12P
Low Power, 180 MHz Buffer Amplifier
logo
Intersil Corporation
HFA1212 INTERSIL-HFA1212 Datasheet
90Kb / 10P
Dual 350MHz, Low Power Closed Loop Buffer Amplifier
September 1998
EL2002 INTERSIL-EL2002 Datasheet
222Kb / 8P
Low Power, 180MHz Buffer Amplifier
December 1995
HFA1212 INTERSIL-HFA1212_04 Datasheet
198Kb / 12P
Dual 350MHz, Low Power Closed Loop Buffer Amplifier
July 2004
HFA1412 INTERSIL-HFA1412_06 Datasheet
330Kb / 13P
Quad, 350MHz, Low Power, Programmable Gain Buffer Amplifier
January 23, 2006
logo
American Accurate Compo...
JXWBLA-T-50-90-25 AAC-JXWBLA-T-50-90-25 Datasheet
45Kb / 1P
70MHz IF Coaxial Amplifier
JXWBLA-T-60-80-25 AAC-JXWBLA-T-60-80-25 Datasheet
46Kb / 1P
70MHz IF Coaxial Amplifier
logo
Analog Devices
ADA4800 AD-ADA4800 Datasheet
221Kb / 16P
Low Power, High Speed CCD Buffer Amplifier
REV. A
logo
Renesas Technology Corp
HFA1412 RENESAS-HFA1412 Datasheet
738Kb / 13P
Quad, 350MHz, Low Power, Programmable Gain Buffer Amplifier
January 23, 2006
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com